Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-4012 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ADAM-4012
Description  Thermocouple Input Module Analog Input Module RTD Input Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4012 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ADAM-4012 Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-4012 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remote DA&C Modules
13-24
ADAM 4000/4100 Series
Unit: mm
Dimensions
Communication
 RS-485 (2-wire) to host
 Speeds: 1200, 2400, 4800, 9600, 19200, 38400, 57600, 115200 bps (ADAM-4080,
ADAM-4080D only support up to 38400 bps)
 Max. communication distance: 4000 feet (1.2 km)
 Power and communication LED indicator
 ASCII command/response protocol
 Communication error checking with checksum
 Asynchronous data format:
Advantech protocol: 1 start bit, 8 data bits, 1 stop bit, no parity
Modbus protocol: 1 start bit, 8 data bits, 1 or 2 stop bit, parity check (none, odd,
even) (ADAM-4100 series only)
 Up to 256 multidrop modules per serial port
 Online module insertion and removal
 Transient suppression on RS-485 communication lines
Common Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com