Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS21A
Description  225mW SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS21A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS21A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS21A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS21 / A / C / S
225mW SMD Switching Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
0.01
0.1
1
10
100
1000
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
FIG 2 Reverse Current vs Reverse Voltage
0.01
0.1
1
10
100
100
120
140
160
180
FIG 3 Admissible Power Dissipation Curve
0
50
100
150
200
250
0
25
50
75
100
125
150
175
200
Ambient Temperature (°C)
Instantaneous Forward Voltage (V)
Ta=25°C
Ta=25°C
Ambient Temperature (°C)
Version : C09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com