Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B18 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B18
Description  500mW, 2% Tolerance SMD Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B18 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52B18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT52B2V4-BZT52B75
500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
BZT52B2V4
2.4
2.35
2.45
5
100
1
564
45
1
BZT52B2V7
2.7
2.65
2.75
5
100
1
564
18
1
BZT52B3V0
3
2.94
3.06
5
100
1
564
9
1
BZT52B3V3
3.3
3.23
3.37
5
95
1
564
4.5
1
BZT52B3V6
3.6
3.53
3.67
5
90
1
564
4.5
1
BZT52B3V9
3.9
3.82
3.98
5
90
1
564
2.7
1
BZT52B4V3
4.3
4.21
4.39
5
90
1
564
2.7
1
BZT52B4V7
4.7
4.61
4.79
5
80
1
470
2.7
2
BZT52B5V1
5.1
5
5.2
5
60
1
451
1.8
2
BZT52B5V6
5.6
5.49
5.71
5
40
1
376
0.9
2
BZT52B6V2
6.2
6.08
6.32
5
10
1
141
2.7
4
BZT52B6V8
6.8
6.66
6.94
5
15
1
75
1.8
4
BZT52B7V5
7.5
7.35
7.65
5
15
1
75
0.9
5
BZT52B8V2
8.2
8.04
8.36
5
15
1
75
0.63
5
BZT52B9V1
9.1
8.92
9.28
5
15
1
94
0.45
6
BZT52B10
10
9.8
10.2
5
20
1
141
0.18
7
BZT52B11
11
10.78
11.22
5
20
1
141
0.09
8
BZT52B12
12
11.76
12.24
5
25
1
141
0.09
8
BZT52B13
13
12.74
13.26
5
30
1
160
0.09
8
BZT52B15
15
14.7
15.3
5
30
1
188
0.045
10.5
BZT52B16
16
15.68
16.32
5
40
1
188
0.045
11.2
BZT52B18
18
17.64
18.36
5
45
1
212
0.045
12.6
BZT52B20
20
19.6
20.4
5
55
1
212
0.045
14
BZT52B22
22
21.56
22.44
5
55
1
235
0.045
15.4
BZT52B24
24
23.52
24.48
5
70
1
235
0.045
16.8
BZT52B27
27
26.46
27.54
2
80
0.5
282
0.045
18.9
BZT52B30
30
29.4
30.6
2
80
0.5
282
0.045
21
BZT52B33
33
32.34
33.66
2
80
0.5
306
0.045
23
BZT52B36
36
35.28
36.72
2
90
0.5
329
0.045
25.2
BZT52B39
39
38.22
39.78
2
130
0.5
329
0.045
27.3
BZT52B43
43
42.14
43.86
2
150
0.5
353
0.045
30.1
BZT52B47
47
46.06
47.94
2
170
0.5
353
0.045
33
BZT52B51
51
49.98
52.02
2
180
0.5
376
0.045
35.7
BZT52B56
56
54.88
57.12
2
200
0.5
400
0.045
39.2
BZT52B62
62
60.76
63.24
2
215
0.5
423
0.045
43.4
BZT52B68
68
66.64
69.36
2
240
0.5
447
0.045
47.6
BZT52B75
75
73.5
76.5
2
255
0.5
470
0.045
52.5
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of±2%.
ZZT @ IZT(Ω)
Max
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest Taiwan semiconductor representative.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
Part Number
Version : C09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com