Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF30L45CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF30L45CT
Description  30.0 AMP. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF30L45CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF30L45CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF30L45CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low power loss, high efficiency.
High current capability, Low forward voltage drop.
High surge current capability.
Guard-ring for transient protection.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBRF30L45CT MBRF30L60CT MBRF30L100CT Units
VRRM
45
60
100
V
VRMS
31
42
70
V
VDC
45
60
100
V
I(AV)
A
IFRM
A
IFSM
A
IRRM
12
2
A
VF
0.55
0.50
0.74
0.67
0.60
0.56
0.75
0.70
0.66
0.57
0.80
0.66
V
IR
0.4
200
0.48
130
0.2
15
mA
dV/dt
V/uS
Cj
600
460
460
Pf
RθJC
OC/W
TJ
OC
TSTG
OC
Notes: 1. 2.0Us PU;SE WIDTH. F=1.0kh, Continue 10 cycles
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Thermal Resistance from junction to case Per Leg, with Heatsink size (4"x6"x0.25") Al-plate.
-65 to +150
-65 to +175
10,000
4.0
Voltage rate of change (rated VR)
Operating Temperature Range
Storage Temperature Range
Typical Thermal Resistance per leg.(Note 3)
Polarity: As marked
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage at (Note 2)
IF=15A TC =25 ℃
IF=15A TC =125 ℃
IF=30A TC =25 ℃
IF=30A TC =125 ℃
Maximum Average Forward Rectified Current .375
(9.5mm) Lead Length @TC = 120℃
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Dimensions in inches and (millimeters)
Terminal: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Cases: JEDEC ITO-220AB Molded plastic
Preliminary
30
30
ITO-220AB
30.0 AMP. Schottky Barrier Rectifiers
MBRF30L45CT - MBRF30L100CT
High temperature soldering guaranteed: 260℃ /10 seconds
/.375”,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
Mounting position : Any
Features
Plastic material used carries Underwriters Laboratory
Classifications UL 94V-0
Typical Junction Capacitance (Note 2)
Mounting Torque : 5 in-lbs. max.
Peak Repetitive Reverse surge Current (Note 1)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )

Weight: 2.24 gram
220
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) At TC = 130℃
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=100 ℃
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Version : D09


Similar Part No. - MBRF30L45CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF30L45CT TSC-MBRF30L45CT Datasheet
252Kb / 2P
30.0AMPS Isolated Low VF Schottky Barrier Rectifier
logo
Kersemi Electronic Co.,...
MBRF30L45CT KERSEMI-MBRF30L45CT Datasheet
973Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRF30L45CT EMMICRO-MBRF30L45CT Datasheet
973Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF30L45CT TSC-MBRF30L45CT Datasheet
220Kb / 4P
Dual Common Cathode Schottky Rectifier
logo
SUNMATE electronic Co.,...
MBRF30L45CT SUNMATE-MBRF30L45CT Datasheet
2Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRF30L45CT

ManufacturerPart #DatasheetDescription
logo
Bytes
SR3020 BYTES-SR3020 Datasheet
156Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR3020 FORMOSA-SR3020 Datasheet
36Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR3020CT GWSEMI-SR3020CT Datasheet
73Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR30150CT GWSEMI-SR30150CT Datasheet
71Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR3040R SECOS-SBR3040R_15 Datasheet
249Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
SBR3060 SECOS-SBR3060_15 Datasheet
164Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
SBR30100R SECOS-SBR30100R_15 Datasheet
250Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_15 Datasheet
246Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
SM3040D SECOS-SM3040D_15 Datasheet
231Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
MBR3020CT BYTESONIC-MBR3020CT Datasheet
392Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
2017/11/9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com