Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4148RW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148RW
Description  350mW High Speed SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148RW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4148RW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148RW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS4148 RW
350mW High Speed SMD Switching Diode
Extremely thin/leadless package
High mounting capability,strong surage with stand,
high reliability.
Pb free version and RoHS compliant
Case :1005 standard package, molded plastic
Min
Max
Min
Max
2.40
2.60
0.095 0.102
1.10
1.30
0.043 0.051
0.70
0.90
0.027 0.035
Typ.
0.50
Typ. 0.020
Typ.
1.00
Typ. 0.040
Package
1005
Maximum Ratings
1 μsec
1 msec
Electrical Characteristics
Reverse Breakdown Voltage
(Note 2)
Forward Voltage
IF=
50mA
VR=
20V
VR=
75V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time
(Note3)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Test Condition : IR=100μA
Notes:3. Test Condition : IF=IR=30mA, RL=100Ω, IRR=3mA
mA
V(BR)
VF
°C
TJ, TSTG
Units
V
-
-
V
Type Number
Ordering Information
mA
°C/W
100
C
Mean Forward Current
IFRM
IO
Pulse Width=
Thermal Resistance (Junction to Ambient) (Note 1)
D
High temperature soldering guaranteed: 260°C/10s
pF
Trr
ns
-
4.0
CJ
4
Junction and Storage Temperature Range
Reverse Leakage Current
Min
-
-40 to + 125
Type Number
Symbol
RθJA
IR
150
2.5
Max
500
1.0
75
25
1.00
Unit (inch)
Pulse Width=
300
Value
350
Repetitive Peak Forward Current
Polarity : Indicated by cathode band
Weight : 0.006 gram (approximately)
Rating at 25°C ambient temperature unless otherwise specified.
Units
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Power Dissipation
Symbol
1005
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Gold plated, solderable
per MIL-STD-750, method 2026 guaranteed
Unit (mm)
V
nA
μA
Designed for mounting on small surface.
Non-Repetitive Peak Forward Surge Current
IFSM
A
4.0
A
B
V
75
Part No.
Packing
TS4148 RW
4Kpcs/7" Reel
Non-Repetitive Peak Reverse Voltage
PD
VRSM
mW
E
Dimensions
Repetitive Peak Reverse Voltage
VRRM
Small Signal Diode
Version : C09
A
B
D
C
E


Similar Part No. - TS4148RW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
350mW High Speed SMD Switching Diode
TS4148RWG TSC-TS4148RWG Datasheet
194Kb / 4P
350 mW High Speed SMD Switching Diode
TS4148RWG TSC-TS4148RWG_14 Datasheet
194Kb / 4P
350 mW High Speed SMD Switching Diode
More results

Similar Description - TS4148RW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
High Speed Switching Diode 350mW
logo
Shanghai Lunsure Electr...
BAS16W CHENYI-BAS16W Datasheet
64Kb / 2P
High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
350mW High Speed SMD Switching Diode
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
High Speed Switching Diode 350mW
BAS16W-TP MCC-BAS16W-TP Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
High Speed Switching Diode 350mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com