Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4148RY Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148RY
Description  400mW High Speed SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148RY Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4148RY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148RY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS4148 RY
400mW High Speed SMD Switching Diode
Small Signal Diode
Extremely thin/leadless package
High mounting capability,strong surage with stand,
high reliability.
Pb free version and RoHS compliant
Case :0805 standard package, molded plastic
Min
Max
Min
Max
1.80
2.20
0.071 0.086
1.05
1.45
0.410 0.570
0.25
0.65
0.010 0.026
0.75
0.95
0.029 0.037
1.30
0.90
0.051 0.034
Package
0805
Maximum Ratings
Electrical Characteristics
Reverse Breakdown Voltage
(Note 2)
Forward Voltage
IF=
10mA
VR=
20V
VR=
75V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time
(Note3)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Test Condition : IR=100μA
Notes:3. Test Condition : IF=10mA, IR=1mA,RL=100Ω
Dimensions
Ordering Information
Part No.
Packing
C
E
A
B
nA
μA
300
Value
400
5
A
Units
mW
V
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Power Dissipation
Symbol
5Kpcs / 7" Reel
TS4148 RY
Repetitive Peak Forward Current
Polarity : Indicated by cathode band
Weight : 0.006 gram (approximately)
IFRM
Non-Repetitive Peak Reverse Voltage
VRSM
Rating at 25°C ambient temperature unless otherwise specified.
100
V
Designed for mounting on small surface.
Non-Repetitive Peak Forward Surge Current
Mean Forward Current
25
1.00
Thermal Resistance (Junction to Ambient) (Note 1)
Repetitive Peak Reverse Voltage
PD
VRRM
Type Number
0805
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Gold plated, solderable
per MIL-STD-750, method 2026 guaranteed
Unit (mm)
Unit (inch)
D
High temperature soldering guaranteed: 260°C/10s
Trr
ns
-
4.0
CJ
4
-
IR
pF
Junction and Storage Temperature Range
Reverse Leakage Current
Min
-65 to + 175
Type Number
Symbol
VF
°C
TJ, TSTG
-
-
V
75
mA
mA
0.5
2.0
°C/W
Units
V
Max
375
IO
150
Tp=1sec square waveform
V(BR)
IFSM
8.3ms single half sine waveform
RθJA
75
B
A
C
E
D
Version : E09


Similar Part No. - TS4148RY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
400mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG Datasheet
189Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
500mW High Speed SMD Switching Diode
More results

Similar Description - TS4148RY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N914BW TSC-1N914BW Datasheet
101Kb / 2P
400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
400mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG Datasheet
118Kb / 2P
400mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
High Speed Switching Diode 400mW
logo
Taiwan Semiconductor Co...
1N4148W TSC-1N4148W_14 Datasheet
193Kb / 4P
400mW High Speed SMD Switching Diode
logo
DIYI Electronic Technol...
1N4148W DYELEC-1N4148W Datasheet
637Kb / 2P
400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
High Speed Switching Diode 400mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com