Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4448RZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RZ
Description  150mW High Speed SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4448RZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS4448 RZ
150mW High Speed SMD Switching Diode
Extremely thin/leadless package
High mounting capability,strong surage with stand,
high reliability.
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :0603 standard package, molded plastic
1.60
1.80
0.063 0.071
0.80
1.00
0.031 0.039
0.70
0.85
0.027 0.033
Typ.
0.45
Typ.
0.018
Typ.
0.70
Typ.
0.028
Package
0603
Maximum Ratings
1 μsec
8.3 msec
Electrical Characteristics
Reverse Breakdown Voltage
(Note 2)
IF=
5mA
IF=
100mA
VR=
20V
VR=
80V
Junction Capacitance
VR=0.5, f=1.0MHz
Reverse Recovery Time
(Note3)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Test Condition : IR=100μA
Notes:3. Test Condition : IF=IR=10mA, RL=100Ω, IRR=1mA
V
°C
TJ, TSTG
Units
V
-
Min
V(BR)
Repetitive Peak Reverse Voltage
PD
VRRM
Repetitive Peak Forward Current
Pulse Width=
Pulse Width=
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
mA
mA
mW
V
A
2.0
°C/W
100
D
Mean Forward Current
IFRM
IO
Thermal Resistance (Junction to Ambient) (Note 1)
666
RθJA
Units
pF
Trr
ns
-
nA
9.0
CJ
9
-
-
Junction and Storage Temperature Range
Reverse Leakage Current
Forward Voltage
Max
Type Number
Symbol
VF
0.62
1.00
IR
-
-40 to + 125
80
25
0.72
100
0603
Maximum Ratings and Electrical Characteristics
Mechanical Data
Terminal: Gold plated, solderable
per MIL-STD-750, method 2026 guaranteed
Unit (mm)
Unit (inch)
High temperature soldering guaranteed: 260°C/10s
Polarity : Indicated by cathode band
Dimensions
A
Designed for mounting on small surface.
Non-Repetitive Peak Forward Surge Current
IFSM
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Power Dissipation
Symbol
125
Weight : 0.003 gram (approximately)
B
C
E
300
Value
150
1.0
Ordering Information
Part No.
Packing
TS4448 RZ
4Kpcs / 7" Reel
Small Signal Diode
Features
BV
Version : C09
A
B
D
C
E


Similar Part No. - TS4448RZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4448RZ TSC-TS4448RZ Datasheet
134Kb / 5P
150mW High Speed SMD Switching Diode
TS4448RZ TSC-TS4448RZ_14 Datasheet
134Kb / 5P
150mW High Speed SMD Switching Diode
More results

Similar Description - TS4448RZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RZ TSC-TS4148RZ Datasheet
115Kb / 2P
150mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RZG TSC-TS4148RZG Datasheet
161Kb / 2P
150mW High Speed SMD Switching Diode
TSZU52C2V4 TSC-TSZU52C2V4 Datasheet
111Kb / 4P
150mW SMD Zener Diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
logo
Taiwan Semiconductor Co...
TS4448RZ TSC-TS4448RZ_14 Datasheet
134Kb / 5P
150mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com