Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-103T Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-103T
Description  10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-103T Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-103T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-103T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-103T
10.4" TFT SVGA LCD
Intel® Pentium® III and Celeron® CPU up to 850 MHz
System memory up to 512 MB SDRAM
One optional PCI/ISA expansion slot
One CompactFlash® Type I and II socket (True IDE Mode)
10/100Base-T Ethernet
External IDE/FDD connectors
10.4" Panel PC with Intel® Pentium® III/
Celeron® Processor
Introduction
The Panel PC, PPC-103T, integrates a 10.4" SVGA TFT LCD display into a stylish and flame-resistant chassis with a depth of 61.5 mm (2.4"). It can support high performance Intel
Celeron and Pentium III processors. The PPC-103T's high-brightness 800 x 600 SVGA LCD display, built-in 16-bit Sound Blaster® compatible audio controller, up to 512 MB SDRAM
capacity and 10/100Base-T Ethernet controller provide integration capability to meet different application needs.
Specifications
Processor System
Display
10.4" SVGA TFT LCD
CPU
Supports Intel Pentium III and Intel Celeron processors, up to 850 MHz
Memory
Up to 512 MB SODIMM
HDD
1 x EIDE interface, 2.5" type
FDD
Supports 1 x external FDD connector
SSD
Supports 1 x CompactFlash Type I and II Socket (True IDE Mode)
I/O ports
- 4 x serial ports: 3 x RS-232, 1 x RS-232/422/485
- 1 x parallel port, 2 x USB
- External VGA port
- PS/2 mouse and keyborad
- Built-in Mic-in / Line-out jacks
Network
10/100Base-T Ethernet interface
Dimensions (W x H x D)
342 x 265 x 92.4 mm (13.5" x 10.4" x 3.64")
Weight
3.5 kg (7.7 lb)
LCD Display
Display Type
10.4" SVGA TFT LCD
Max. Resolution/Colors
800 x 600 @ 256 K
Pixel Pitch (mm)
0.264 x 0.264
Luminance (cd/m2)
230
Viewing Angle
60/60/35/65 (L/R/U/D)
Temperature
0 ~ 50° C
VR Controls
Yes
Simultaneous Mode
Yes
LCD MTBF
50,000 hrs
Contrast
500 : 1
Power Supply
AC model
Output Rating
60 W
Input Voltage
100 ~ 240 VAC @ 50/60 Hz, autoranging
Output Voltage
+5 V @ 5 A, +12 V @ 3 A
DC model
Output Rating
75 W
Input Voltage
18 VDC ~ 36 VDC, typical 24 VDC, 4.2 A max
Output Voltage
+5 V @ 8 A, +12 V @ 2.5 A
DC model
(optional)
Output Rating
65 W
Input Voltage
9.5 VDC ~ 18 VDC, typical 12 VDC, 6.8 A max
Output Voltage
+5 V @ 7 A, +12 V @ 2 A
Touchscreen (optional)
Type
Analog resistive
Infrared
Resolution
Continuous
4096 x 4096
Light Transmission
75%
91%
Controller
RS-232 interface (COM 4)
RS-232 interface (COM4)
Power Consumption
+5 V @ 200 mA
+5 V @ 150 mA
Software Driver
Supports both DOS and Windows
Durability
10 million touches
100,000 hrs
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PPC-103T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
More results

Similar Description - PPC-103T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-9151G ADVANTECH-IPPC-9151G Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S155T ADVANTECH-PPC-S155T Datasheet
409Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-3100-RAE ADVANTECH-PPC-3100-RAE Datasheet
478Kb / 2P
10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com