Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-175T Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-175T
Description  17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-175T Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-175T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-175T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
PPC-175T
17" TFT SXGA LCD
Intel® Pentium®/Celeron® M up to 1.8 GB/1.5 GB
System memory up to 2 GB DDR RAM
Built-in CF card interface (IDE interface for OS booting)
One PCI expansion slot
Two 10/100 Mbps Ethernet ports; Two IEEE 1394 ports
Resistive, capacitive, SAW, infrared type, and projected capacitive touch
screens are available
Light sensor supports automatic backlight control
17" Panel PC with Intel® Pentium®/
Celeron® M Processor
Introduction
The PPC-175T is an Intel Pentium/Celeron M based Panel PC with 17" color TFT LCD (resolution up to 1280 x 1024). It features multimedia devices, various connectors, and can
be installed in virtually any application. In addition, its user-friendly interface makes it a great host for information appliances. Three serial ports and two 10/100 Mbps Ethernet ports
give the PPC-175T advanced networking capabilities, and provide a great solution for versatile applications.
Specifications
Processor System
CPU
Supports Socket 478 based Pentium /Celeron M up to 1.8 GHz/ 1.5 GHz
Disk Drive Housing
Room for 1 x 2.5" HDD, SATA interface is available, but converter board needed
Dimensions (W x H x D)
442 x 362 x 111.5 mm (17.4" x 14.25" x 4.39")
Front Panel Protection
IP65/NEMA 4 compliant (not for SAW model)
HDD
IDE HDD interface (2.5" HDD bay)
CD-ROM Drive
Optional 24X or above
DVD+/-RW Drive
Optional 8X or above
Combo Drive
Optional DVD/CD-RW 8D/24W/24E/24R or above
Memory
Supports up to 2 GB DDR SDRAM (184-pin)
FDD
Optional
Network (LAN)
2 x ports 10/100 Mbps Ethernet interface
I/O Ports
- 3 x COM ports: 2 x RS-232, 1 x RS-232/422/485
- 4 x USB 2.0 ports
- 1 x PCMCIA Type II
- 1 x PS/2 mouse and keyboard interface
- Mic-in, Line-in, Line-out
- 2 x IEEE 1394 ports
Bus Expansion
1 x PCI expansion slot, 1 x Mini PCI card
Environmental Specifications
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
Relative Humidity
5% ~ 85% non-condensing
Shock
10 G peak acceleration (11 msec. duration)
EMC
BSMI, VCCI, CE, FCC Class B, CCC
Safety
CB, CE, UL
Power Supply
Output Rating
100 W (max.)
Input Voltage
100 ~ 250 VDC @ 50 ~ 60 Hz
Output Voltage
+3.3 V @ 8.0 A, +5 V @ 12.0 A, +12 V @ 4.0 A, -12 V @ 0.2 A, +5 Vsb @ 2.0 A
LCD Display
Display Type
Color TFT LCD
Size (Diagonal)
17"
Max. Resolution
1280 x 1024
Max. Colors or Grayscales
16.7 M
Pixel Pitch (mm)
0.264 x 0.264
Luminance (cd/m2)
300
Contrast Ratio
800 : 1
Viewing Angle
80° (left), 80° (right), 80° (up), 80° (down)
Operating Temperature
0 ~ 50° C
VR Controls
Brightness
Simultaneous Mode
Yes
LCD MTBF
50,000 hrs
Touchscreen (Optional)
Types
Analog Resistive
Capacitive
Surface Acoustic Wave
Infrared
Projected Capacitive
Resolution
Continuous
1024 x 1024
4096 x 4096
4096 x 4096
1024 x 768
Light Transmission
80%
91.5%
91%
91%
91%
Controller
RS-232 Interface
RS-232 Interface
RS-232 Interface
RS-232 Interface
RS-232 Interface
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 150 mA
+5 V @ 150 mA
+5 V @ 100 mA
Software Driver
Supports both DOS and Windows
Supports Windows
only
Durability (Touches)
35 million
225 million
50 million
100,000 hrs
Unlimited


Similar Part No. - PPC-175T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-175RACK-MT ADVANTECH-PPC-175RACK-MT Datasheet
232Kb / 2P
17 Panel PC with Intel짰 Core??2 Duo Processor
PPC-175RACK-MT ADVANTECH-PPC-175RACK-MT Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-175RACK-MT ADVANTECH-PPC-175RACK-MT Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
More results

Similar Description - PPC-175T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
Advantech Co., Ltd.
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S155T ADVANTECH-PPC-S155T Datasheet
409Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com