Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-4622 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4622
Description  5-port USB 2.0 Hub
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4622 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4622 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial USB I/O Modules
Features
USB-4622
5-port USB 2.0 Hub
ƒ
ƒ 5ƒdownstreamƒUSBƒ2.0ƒports
ƒ
ƒ CompatibleƒwithƒUSBƒ2.0/1.1/1.0
ƒ
ƒ 480ƒMbpsƒhigh-speedƒdataƒtransfer
ƒ
ƒ LEDƒindicator
ƒ
ƒ SuitableƒforƒDIN-railƒmounting
ƒ
ƒ OneƒlockableƒUSBƒcableƒincluded
ƒ
ƒ 10ƒ~ƒ30ƒVDCƒpowerƒinputƒ(powerƒadapterƒnotƒincluded*)
Specifications
ƒ
ƒ
Ports ƒ
Upstreamƒxƒ1ƒ(TypeƒB)
Downstreamƒxƒ5ƒ(TypeƒA)ƒ
ƒ
ƒ
Compatibilityƒƒ
Universalƒserialƒbus
SpecificationƒRev.ƒ2.0/1.1/1.0
ƒ
ƒ
Transfer Speed ƒ
480ƒMbit/s-highƒspeedƒmode
12ƒMbit/s-ƒfullƒspeedƒmodeƒ
1.5ƒMbit/s-lowƒspeedƒmode
ƒ
ƒ
Supply Current ƒ
500ƒmAƒmax.ƒperƒchannel
General
ƒ
ƒ
Housing ƒ
Plasticƒ(ABS+PC)
ƒ
ƒ
Dimensions (L x W x H)ƒ132ƒxƒ80ƒxƒ32ƒmm
ƒ
ƒ
DC Input ƒ
10ƒ~ƒ30ƒVDC
ƒ
ƒ
Power Consumption ƒ
+24ƒVƒ@ƒ36ƒmAƒ
ƒ
ƒ
Operating Temperatureƒ 0ƒ~ƒ60°ƒCƒ(32ƒ~ƒ140°ƒF)
ƒ
ƒ
Storage Temperature ƒ -20ƒ~ƒ70°ƒCƒ(-4ƒ~ƒ158°ƒF)
ƒ
ƒ
Storage Humidity ƒ
5ƒ~ƒ95%ƒRHƒnon-condensing
Ordering Information
ƒ
ƒ
USB-4622ƒ
5-portƒUSBƒ2.0ƒHub
ƒ
ƒ
PWR-242ƒ
DIN-railƒPowerƒSupply
ƒ
ƒ
1960004544ƒ
WallmountƒBracket
ƒ
ƒ
1960005788ƒ
VESAƒMountƒBracket
ƒ
ƒ
USB-LOCKCABLE-AEƒ
1.8ƒMƒLockableƒUSBƒ2.0ƒCableƒwithƒScrewƒKit
* Note: Aƒpowerƒsupplyƒwithƒatƒleastƒ0.75Aƒcurrentƒoutputƒcapabilityƒatƒ24ƒVDCƒisƒ
recommended.
Introduction
USB-4622ƒisƒaƒUSBƒ2.0ƒhubƒcapableƒofƒconnectingƒupƒtoƒ5ƒUSBƒslaveƒmodules.ƒItƒsupportsƒtheƒUSBƒ2.0ƒhigh-speedƒmodeƒthatƒcanƒachieveƒ480ƒMbpsƒdataƒtransmittingƒrate,ƒrealizingƒ
theƒUSB-4700ƒseries'ƒhighƒperformanceƒforƒheavy-loadƒapplications.ƒFurthermore,ƒAdvantech'sƒuniqueƒlockableƒcableƒdesignƒsecuresƒmoduleƒconnectionsƒpreventingƒtheƒcableƒfromƒ
beingƒunpluggedƒaccidentally.
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - USB-4622

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
USB-4622 ADVANTECH-USB-4622 Datasheet
420Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
6-Feb-2023
USB-4622-BE ADVANTECH-USB-4622-BE Datasheet
207Kb / 1P
5-port Full-speed Isolated USB 2.0 Hub
USB-4622-CE ADVANTECH-USB-4622-CE Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
USB-4622-CE ADVANTECH-USB-4622-CE Datasheet
420Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
6-Feb-2023
More results

Similar Description - USB-4622

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620_15 Datasheet
207Kb / 1P
5-port Full-speed Isolated USB 2.0 Hub
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
USB 2.0 7-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
USB-4620 ADVANTECH-USB-4620 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com