Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCRJS66B Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJS66B
Description  NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS66B Datasheet(HTML) 1 Page - Dubilier

  DBCRJS66B Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
354
ORDERING INFORMATION
PC Board Layout 8x8
2.54
1.27
.050
.100
ø0.80
ø0.031
ø.126
ø3.20
7.62
.300
6.35 .250
.150
3.81
PC Board Layout 4x2, 4x4
2.54
11.43
8.89
.100
ø3.20
ø0.031
ø0.80
ø.126
.350
6.35
1.27
.450
.250
.050
2.54
10.16
6.35
.100
ø3.20
ø0.031
ø0.80
ø.126
.250
6.35
1.27
.400
.250
.050
B
D
C
A
18.00
.708
7.85
.309
3.46
.136
11.68 .460
3.50 .138
NETWORKING SOCKETS
MODULAR SOCKET - MINI LOW PROFILE
SPECIFICATION
OUTLINE DRAWING
Material
Housing:
PBT Polyester, UL94V-O; UL94V-2
Standard colour grey
Contacts:
.0177(.45mm) diameter
Pros - bronze plated with hard gold
Cavity confirms to FCC Rules and
Regulations Part 68, subpart F
DBC
RJ45
S
88
B
Dubilier
Connectors
Series
RJ
RJ
RJ11
RJ12
RJ45
ContactType
S=Socket
NºofWaysxNºof
LoadedContacts
4x2
4x4
6x4
6x6
8x8
Style
B=MiniLow
profileSkt
Very competitively priced
Mini low profile
Industry standard footprint
4, 6 and 8 way side entry
UL approved
PC Board Layout 8x8
2.54
1.27
.050
.100
ø0.80
ø0.031
ø.126
ø3.20
7.62
.300
6.35 .250
.150
3.81
PC Board Layout 4x2, 4x4
2.54
11.43
8.89
.100
ø3.20
ø0.031
ø0.80
ø.126
.350
6.35
1.27
.450
.250
.050
2.54
10.16
6.35
.100
ø3.20
ø0.031
ø0.80
ø.126
.250
6.35
1.27
.400
.250
.050
B
D
C
A
18.00
.708
7.85
.309
3.46
.136
11.68 .460
3.50 .138
Circuits Loaded Contacts Dimensions
A
B
C
D
4
2
7.62(.300)
11.18(.440) 2.60(.102) 1.27(.050)
4
4
7.62(.300)
11.18(.440) 2.60(.102) 1.27(.050)
6
4
10.16(.400) 13.20(.520) 2.60(.102) 1.27(.050)
6
6
10.16(.400) 13.20(.520) 2.60(.102) 1.27(.050)
8
8
11.43(.450) 15.24(.600) 2.60(.102) 1.27(.050)
PCBoardLayout8x8
PCBoardLayout6x4,6x6
PCBoardLayout4x2,4x4
RJ45
RJ
RJII+12


Similar Part No. - DBCRJS66B

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS66B DUBILIER-DBCRJS66B Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
More results

Similar Description - DBCRJS66B

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45S88A DUBILIER-DBCRJ45S88A Datasheet
108Kb / 1P
MODULAR SOCKETS - LOW PROFILE
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
DBCRJS64H DUBILIER-DBCRJS64H Datasheet
74Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS2412 DUBILIER-DBCRJS2412 Datasheet
96Kb / 1P
NETWORKING SOCKETS LED Light Jacks
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64H DUBILIER-DBCRJS64H_11 Datasheet
128Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com