Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5175 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5175
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5175 Datasheet HTML 9Page - Analog Devices AD5175 Datasheet HTML 10Page - Analog Devices AD5175 Datasheet HTML 11Page - Analog Devices AD5175 Datasheet HTML 12Page - Analog Devices AD5175 Datasheet HTML 13Page - Analog Devices AD5175 Datasheet HTML 14Page - Analog Devices AD5175 Datasheet HTML 15Page - Analog Devices AD5175 Datasheet HTML 16Page - Analog Devices AD5175 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5175
Rev. 0 | Page 13 of 20
WRITE OPERATION
It is possible to write data for the RDAC register or the control
register. When writing to the AD5175, the user must begin with
a start command followed by an address byte (R/W = 0), after
which the AD5175 acknowledges that it is prepared to receive
data by pulling SDA low.
Two bytes of data are then written to the RDAC, the most
significant byte followed by the least significant byte; both
of these data bytes are acknowledged by the AD5175. A stop
condition follows. The write operations for the AD5175 are
shown in Figure 25.
A repeated write function gives the user flexibility to update the
device a number of times after addressing the part only once, as
shown in Figure 26.
SCL
SDA
START BY
MASTER
ACK. BY
AD5175
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
ACK. BY
AD5175
ACK. BY
AD5175
STOP BY
MASTER
0
19
1
99
9
1
1
01
1
A1
A0
0
0
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R/W
Figure 25. Write Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com