Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5175BCPZ-10-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5175BCPZ-10-R2
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175BCPZ-10-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5175BCPZ-10-R2 Datasheet HTML 11Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 12Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 13Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 14Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 15Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 16Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 17Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 18Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5175
Rev. 0 | Page 15 of 20
READ OPERATION
When reading data back from the AD5175, the user must first
issue a readback command to the device, this begins with a start
command followed by an address byte (R/W = 0), after which
the AD5175 acknowledges that it is prepared to receive data by
pulling SDA low.
Two bytes of data are then written to the AD5175, the most
significant byte followed by the least significant byte; both
of these data bytes are acknowledged by the AD5175. A stop
condition follows. These bytes contain the read instruction,
which enables readback of the RDAC register, 50-TP memory,
or the control register. The user can then read back the data
beginning with a start command followed by an address byte
(R/W = 1), after which the device acknowledges that it is
prepared to transmit data by pulling SDA low. Two bytes of
data are then read from the device, as shown in
. A
stop condition follows. If the master does not acknowledge the
first byte, the second byte is not transmitted by the AD5175.
Figure 27
0
19
1
99
9
1
1
0
1
1
A1
A0
R/W
0
0
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
19
1
99
9
1
1
0
1
1
A1
A0
R/W
0
0
X
X
X
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
AD5175
ACK. BY
AD5175
ACK. BY
AD5175
ACK. BY
AD5175
ACK. BY
MASTER
NO ACK. BY
MASTER
SCL
SDA
SCL (CONTINUED)
SDA (CONTINUED)
SCL (CONTINUED)
SDA (CONTINUED)
START BY
MASTER
SCL
SDA
START BY
MASTER
STOP BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
Figure 27. Read Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com