Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS50U100CR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS50U100CR
Description  Ultralow forward voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS50U100CR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS50U100CR Datasheet HTML 1Page - STMicroelectronics STPS50U100CR Datasheet HTML 2Page - STMicroelectronics STPS50U100CR Datasheet HTML 3Page - STMicroelectronics STPS50U100CR Datasheet HTML 4Page - STMicroelectronics STPS50U100CR Datasheet HTML 5Page - STMicroelectronics STPS50U100CR Datasheet HTML 6Page - STMicroelectronics STPS50U100CR Datasheet HTML 7Page - STMicroelectronics STPS50U100CR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS50U100C
2/8
Doc ID 16603 Rev 1
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
ΔT
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.475 x IF(AV) + 0.009 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS) Forward rms current
50
A
IF(AV)
Average forward current,
δ = 0.5
TC = 120 °C
TC = 105 °C
Per diode
Per device
25
50
A
IFSM
Surge non repetitive forward current
tp = 10 ms, half sine-wave
250
A
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature(1)
150
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth (j-c) Junction to case
Per diode
Per device
1.3
0.9
°C/W
Rth (c)
Coupling
0.45
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current
Tj = 25 °C
VR = 70 V
-15
-
µA
Tj = 125 °C
-
10
-
mA
Tj = 25 °C
VR = VRRM
-30
200
µA
Tj = 125 °C
-
15
40
mA
VF
Forward voltage drop
Tj = 25 °C
IF = 5 A
-0.48-
V
Tj = 125 °C
-
0.38
-
Tj = 25 °C
IF = 15 A
-0.58-
Tj = 125 °C
-
0.54
-
Tj = 25 °C
IF = 25 A
-0.67
0.73
Tj = 125 °C
-
0.64
0.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com