Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2941 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2941
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2941 Datasheet HTML 8Page - Linear Technology LTC2941 Datasheet HTML 9Page - Linear Technology LTC2941 Datasheet HTML 10Page - Linear Technology LTC2941 Datasheet HTML 11Page - Linear Technology LTC2941 Datasheet HTML 12Page - Linear Technology LTC2941 Datasheet HTML 13Page - Linear Technology LTC2941 Datasheet HTML 14Page - Linear Technology LTC2941 Datasheet HTML 15Page - Linear Technology LTC2941 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2941
13
2941f
APPLICATIONS INFORMATION
Alert Response Protocol
In a system where several slaves share a common inter-
rupt line, the master can use the alert response address
(ARA) to determine which device initiated the interrupt
(Figure 9).
FROM MASTER TO SLAVE
S
W
ADDRESS
REGISTER
DATA
FROM SLAVE TO MASTER
2941 F05
A: ACKNOWLEDGE (LOW)
A: NOT-ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
A
A
A
0
1100100
01h
FCh
00
0
P
Figure 5. Writing FCh to LTC2941 Control Register (B)
S
W
ADDRESS
REGISTER
DATA
2941 F06
A
A
A
0
1100100
02h
F0h
01h
00
0
0
P
DATA
A
Figure 6. Writing F001h to the LTC2941 Accumulated Charge Registers (C, D)
S
W
ADDRESS
REGISTER
S
2941 F07
A
A
ADDRESS
0
1100100
00h
1
0
0
1100100
0
P
R
1
A
81h
DATA
A
Figure 7. Reading the LTC2941 Status Register (A)
S
W
ADDRESS
REGISTER
S
2941 F08
A
A
ADDRESS
0
1100100
02h
1
0
0
1100100
0
P
R
0
A
80h
DATA
01h
DATA
A
1
A
Figure 8. Reading the LTC2941 Accumulated Charge Registers (C, D)
SR
ALERT RESPONSE ADDRESS
DEVICE ADDRESS
2941 F09
A
1
0001100
11001001
01
P
A
Figure 9. LTC2941 Serial Bus SDA Alert Response Protocol
The master initiates the ARA procedure with a START con-
dition and the special 7-bit ARA bus address (0001100)
followed by the read bit (R) = 1. If the LTC2941 is asserting
the AL/CC pin in alert mode, it acknowledges and responds
by sending its 7-bit bus address (1100100) and a 1. While



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com