Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3565 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3565
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565 Datasheet(HTML) 1 Page - Linear Technology

  LTC3565 Datasheet HTML 1Page - Linear Technology LTC3565 Datasheet HTML 2Page - Linear Technology LTC3565 Datasheet HTML 3Page - Linear Technology LTC3565 Datasheet HTML 4Page - Linear Technology LTC3565 Datasheet HTML 5Page - Linear Technology LTC3565 Datasheet HTML 6Page - Linear Technology LTC3565 Datasheet HTML 7Page - Linear Technology LTC3565 Datasheet HTML 8Page - Linear Technology LTC3565 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC3565

3565fa
Features
applications
Description
1.25A, 4MHz, Synchronous
Step-Down DC/DC Converter
The LTC®3565 is a constant frequency, synchronous
step-down DC/DC converter. Intended for medium power
applications, it operates from a 2.5V to 5.5V input voltage
range and has a user-configurable operating frequency up
to 4MHz, allowing the use of tiny, low cost capacitors and
inductors 1mm or less in height. The output voltage is
adjustable from 0.6V to 5.5V. Internal synchronous power
switches provide high efficiency. The LTC3565’s current
mode architecture and external compensation allow the
transient response to be optimized over a wide range of
loads and output capacitors.
The LTC3565 can be configured for automatic power
saving Burst Mode operation (IQ = 40µA) to reduce gate
charge losses when the load current drops below the level
required for continuous operation. For reduced noise and
RF interference, the SYNC/MODE pin can be configured to
skip pulses or provide forced continuous operation.
To further maximize battery life, the P-channel MOSFET
is turned on continuously in dropout (100% duty cycle).
In shutdown, the device draws <1µA.
L
, LT, LTC, LTM, Linear Technology the Linear logo, Burst Mode and OPTI-LOOP are registered
trademarks of Linear Technology Corporation. Hot Swap and ThinSOT are trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 6580258, 6498466, 6611131.
Step-Down 2.5V/1.25A Regulator
n
High Efficiency: Up to 95%
n
VIN Range: 2.5V to 5.5V
n
High Frequency Operation: Up to 4MHz
n
Selectable Low Ripple (Typical 25mVp-p)
Burst Mode® Operation: IQ = 40µA
n
Stable with Ceramic Capacitors
n
Uses Tiny Capacitors and Inductor
n
Low RDS(ON) Internal Switches: 0.15Ω
n
Current Mode Operation for Excellent Line
and Load Transient Response
n
Short-Circuit Protected
n
Low Dropout Operation: 100% Duty Cycle
n
Low Shutdown Current: IQ ≤ 1µA
n
Output Voltages from 0.6V to 5V
n
Synchronizable to External Clock
n
Supports Pre-Biased Outputs
n
Small 10-Lead (3mm
× 3mm) DFN or MSOP Package
n
Notebook Computers
n
Digital Cameras
n
Cellular Phones
n
Handheld Instruments
n
Board Mounted Power Supplies
SYNC/MODE
LTC3565
PVIN
SW
SVIN
RUN
PGOOD
ITH
RT
GND
VFB
2.2µH
VOUT
2.5V
1.25A
VIN
2.5V TO 5.5V
22pF
931k
294k
680pF
3565 TA01a
22µF
12.1k
22µF
191k
OUTPUT CURRENT (mA)
0.1
1
10
0
40
30
100
1
0.1
0.01
0.001
0.0001
1000
100
10000
3565 TA01b
20
10
60
50
80
70
90
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency and Power Loss vs Output Current
typical application


Similar Part No. - LTC3565

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565EDD-PBF LINER-LTC3565EDD-PBF Datasheet
599Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565EDD-TRPBF LINER-LTC3565EDD-TRPBF Datasheet
599Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565EMSE-PBF LINER-LTC3565EMSE-PBF Datasheet
599Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3565

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com