Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3029IDE Datasheet(PDF) 6 Page - Linear Technology

Part # LT3029IDE
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3029IDE Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3029IDE Datasheet HTML 2Page - Linear Technology LT3029IDE Datasheet HTML 3Page - Linear Technology LT3029IDE Datasheet HTML 4Page - Linear Technology LT3029IDE Datasheet HTML 5Page - Linear Technology LT3029IDE Datasheet HTML 6Page - Linear Technology LT3029IDE Datasheet HTML 7Page - Linear Technology LT3029IDE Datasheet HTML 8Page - Linear Technology LT3029IDE Datasheet HTML 9Page - Linear Technology LT3029IDE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3029
6
3029f
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit
TEMPERATURE (°C)
3029 G16
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VIN = 7V
VOUT = 0V
–75 –50 –25 0
25 50 75 100 125 150 175
Current Limit
INPUT VOLTAGE (V)
3029 G15
0246
8
10 12 14
16 18 20
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VOUT = 0V
TJ = 150°C
TJ = 25°C
TJ = –55°C
TJ = 125°C
SHDN1 or SHDN2 Pin
Input Current
ADJ1 or ADJ2 Pin Bias Current
TEMPERATURE (°C)
3029 G13
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VSHDN = 20V
–75 –50 –25 0
25 50 75 100 125 150 175
TEMPERATURE (°C)
3029 G14
–75 –50 –25 0
25 50 75 100 125 150 175
150
135
120
105
90
75
60
45
30
15
0
SHDN1 or SHDN2 Pin Threshold
(Off-to-On)
SHDN1 or SHDN2 Pin
Input Current
TEMPERATURE (°C)
3029 G11
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 1mA
IL = 500mA
SHDN PIN VOLTAGE (V)
3029 G12
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0246
8
10 12 14 16 18 20
TJ = 25°C
TJ = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com