Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3604 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3604
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3604 Datasheet HTML 16Page - Linear Technology LTC3604 Datasheet HTML 17Page - Linear Technology LTC3604 Datasheet HTML 18Page - Linear Technology LTC3604 Datasheet HTML 19Page - Linear Technology LTC3604 Datasheet HTML 20Page - Linear Technology LTC3604 Datasheet HTML 21Page - Linear Technology LTC3604 Datasheet HTML 22Page - Linear Technology LTC3604 Datasheet HTML 23Page - Linear Technology LTC3604 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC3604
22
3604f
UD Package
16-Lead Plastic QFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1691)
PACKAGE DESCRIPTION
3.00
0.10
(4 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.45
0.05
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WEED-2)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
0.10
BOTTOM VIEW—EXPOSED PAD
1.45
0.10
(4-SIDES)
0.75
0.05
R = 0.115
TYP
0.25
0.05
1
PIN 1 NOTCH R = 0.20 TYP
OR 0.25
45 CHAMFER
15
16
2
0.50 BSC
0.200 REF
2.10
0.05
3.50
0.05
0.70 0.05
0.00 – 0.05
(UD16) QFN 0904
0.25 0.05
0.50 BSC
PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com