Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3574IMSTRPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT3574IMSTRPBF
Description  Isolated Flyback Converter Without an Opto-Coupler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574IMSTRPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3574IMSTRPBF Datasheet HTML 9Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 10Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 11Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 12Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 13Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 14Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 15Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 16Page - Linear Technology LT3574IMSTRPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3574

3574f
applications inForMation
Figure 5. Maximum Voltages for SW Pin Flyback Waveform
Figure 4. RCD Clamp
Figure 6. Good Snubber Diode Limits SW Pin Voltage
Figure 7. Bad Snubber Diode Does Not Limit SW Pin Voltage
< 50V
< 55V
< 60V
VSW
tOFF > 350ns
TIME
tSP < 150ns
3574 F05
100ns/DIV
10V/DIV
3574 F06
100ns/DIV
10V/DIV
3574 F07
3574 F04
LS
D
•
R
C
•
Secondary Leakage Inductance
In addition to the previously described effects of leakage
inductance in general, leakage inductance on the second-
ary in particular exhibits an additional phenomenon. It
forms an inductive divider on the transformer secondary
that effectively reduces the size of the primary-referred
flyback pulse used for feedback. This will increase the
output voltage target by a similar percentage. Note that
unlike leakage spike behavior, this phenomenon is load
independent. To the extent that the secondary leakage
inductance is a constant percentage of mutual inductance
(overmanufacturingvariations),thiscanbeaccommodated
by adjusting the RFB/RREF resistor ratio.
Winding Resistance Effects
Resistance in either the primary or secondary will reduce
overall efficiency (POUT/PIN). Good output voltage regula-
tion will be maintained independent of winding resistance
due to the boundary mode operation of the LT3574.
Bifilar Winding
A bifilar, or similar winding technique, is a good way to
minimize troublesome leakage inductances. However, re-
member that this will also increase primary-to-secondary
capacitanceandlimittheprimary-to-secondarybreakdown
voltage, so, bifilar winding is not always practical. The
Linear Technology applications group is available and
extremely qualified to assist in the selection and/or design
of the transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com