Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3604EMSE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3604EMSE
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604EMSE Datasheet(HTML) 1 Page - Linear Technology

  LTC3604EMSE Datasheet HTML 1Page - Linear Technology LTC3604EMSE Datasheet HTML 2Page - Linear Technology LTC3604EMSE Datasheet HTML 3Page - Linear Technology LTC3604EMSE Datasheet HTML 4Page - Linear Technology LTC3604EMSE Datasheet HTML 5Page - Linear Technology LTC3604EMSE Datasheet HTML 6Page - Linear Technology LTC3604EMSE Datasheet HTML 7Page - Linear Technology LTC3604EMSE Datasheet HTML 8Page - Linear Technology LTC3604EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3604
1
3604f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2.5A, 15V Monolithic
Synchronous Step-Down
Regulator
n Distributed Power Systems
n Lithium-Ion Battery-Powered Instruments
n Point-of-Load Power Supplies
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and Hot Swap is a registered trademark of Linear Technology Corporation. All other trademarks
are the property of their respective owners. Protected by U.S. Patents, including 5481178,
5847554, 6580258, 6304066, 6476589, 6774611.
Efficiency and Power Loss vs Load Current
n 3.6V to 15V Operating Input Voltage Range
n 2.5A Output Current
n Up to 95% Efficiency
n Very Low Duty Cycle Operation: 5% at 2.25MHz
n Adjustable Switching Frequency: 800kHz to 4MHz
n External Frequency Synchronization
n Current Mode Operation for Excellent Line and Load
Transient Response
n User Selectable Low Ripple (20mVP-P Typical)
Burst Mode
® (No Load IQ = 300μA) or Forced
Continuous Operation
n 0.6V Reference Allows Low Output Voltages
n Short-Circuit Protected
n Output Voltage Tracking Capability
n Power Good Status Output
n Available in Small, Thermally Enhanced, 16-Pin QFN
(3mm
× 3mm) and MSOP Packages
The LTC
®3604 is a high efficiency, monolithic synchronous
buck regulator using a phase-lockable controlled on-time,
current mode architecture capable of supplying up to 2.5A
of output current. The operating supply voltage range is
from 3.6V to 15V, making it suitable for a wide range of
power supply applications.
The operating frequency is programmable from 800kHz to
4MHz with an external resistor enabling the use of small
surface mount inductors. For switching noise sensitive
applications, the LTC3604 can be externally synchronized
over the same frequency range. An internal phase-locked
loop aligns the on-time of the top power MOSFET to the
internal or external clock. This unique constant frequency/
controlled on-time architecture is ideal for high step-down
ratio applications that demand high switching frequencies
and fast transient response.
The LTC3604 offers two operational modes: Burst Mode
operation and forced continuous mode to allow the user
to optimize output voltage ripple, noise, and light load
efficiency for a given application. Maximum light load
efficiency is achieved with the selection of Burst Mode
operationwhileforcedcontinuousmodeprovidesminimum
output ripple and constant frequency operation.
VIN
RUN
PGOOD
TRACK/SS
LTC3604
PGND
SGND
BOOST
INTVCC
ITH
RT
MODE/SYNC
SW
VON
FB
2.2μF
22pF
0.1μF
47μF
VOUT
3.3V
2.5A
180k
40k
3604 TA01a
1μH
22μF
VIN
3.6V TO 15V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3604 TA01b
0
0.01
10
1
0.1
0.001
0.01
VIN = 5V
VIN = 12V
fO = 2MHz
Burst Mode OPERATION
High Efficiency 2.5A Step-Down Regulator


Similar Part No. - LTC3604EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3604 LINER-LTC3604 Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3604 LINER-LTC3604 Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LTC3604 AD-LTC3604 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3604EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
238Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3602EUF LINER-LTC3602EUF Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
15V, 짹5A Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com