Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3860 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3860
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3860 Datasheet HTML 17Page - Linear Technology LTC3860 Datasheet HTML 18Page - Linear Technology LTC3860 Datasheet HTML 19Page - Linear Technology LTC3860 Datasheet HTML 20Page - Linear Technology LTC3860 Datasheet HTML 21Page - Linear Technology LTC3860 Datasheet HTML 22Page - Linear Technology LTC3860 Datasheet HTML 23Page - Linear Technology LTC3860 Datasheet HTML 24Page - Linear Technology LTC3860 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3860

3860f
applicaTions inFormaTion
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output ca-
pacitors. The RMS input ripple current is divided by, and
the effective ripple frequency is multiplied by, the number
of phases used (assuming that the input voltage is greater
than the number of phases used times the output volt-
age). The output ripple amplitude is also reduced by the
number of phases used. Figure 8 graphically illustrates
the principle.
The worst-case RMS ripple current for a single stage de-
sign peaks at an input voltage of twice the output voltage.
The worst case RMS ripple current for a two stage design
results in peak outputs of 1/4 and 3/4 of input voltage.
When the RMS current is calculated, higher effective duty
factor results and the peak current levels are divided as
long as the current in each stage is balanced. Refer to
Application Note 19 for a detailed description of how
to calculate RMS current for the single stage switching
regulator. Figures 9 and 10 illustrate how the input and
output currents are reduced by using an additional phase.
For a 2-phase converter, the input current peaks drop in
half and the frequency is doubled. The input capacitor
requirement is thus reduced theoretically by a factor of
four! Just imagine the possibility of capacitor savings with
even higher number of phases!
Output Current Sharing
When multiple LTC3860s are cascaded to drive a com-
mon load, accurate output current sharing is essential to
achieve optimal performance and efficiency. Otherwise,
if one stage is delivering more current than another, then
the temperature between the two stages will be different,
and that could translate into higher switch RDS(ON), lower
efficiency,andhigherRMSripple.WhentheCOMPandIAVG
pins of multiple LTC3860s are tied together, the amount
of output current delivered from each LTC3860 is actively
balanced by the IAVE loop. The SGND pins of the multiple
LTC3860s must be kelvined to the same point for optimal
current sharing.
3860 F08
SW1 V
ICIN
ICOUT
SINGLE PHASE
SW1 V
SW2 V
ICIN
IL2
IL1
ICOUT
DUAL PHASE
RIPPLE
Figure 8. Single and 2-Phase Current Waveforms
DUTY FACTOR (VOUT/VIN)
0.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.3
0.5 0.6
3860 F09
0.2
0.4
0.7 0.8 0.9
1 PHASE
2 PHASE
Figure 9. Normalized Output Ripple Current vs Duty Factor
[IRMS″ 0.3 (DIC(PP))]
0
0.1
0.2
0.3
0.4
3860 F10
0.5
0.6
DUTY FACTOR (VOUT/VIN)
0.1
0.3
0.5 0.6
0.2
0.4
0.7 0.8 0.9
1 PHASE
2 PHASE
Figure 10. Normalized RMS Input Ripple Current vs Duty
Factor for 1 and 2 Output Stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com