Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4010 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 3 Page - Linear Technology

  LTC4010 Datasheet HTML 1Page - Linear Technology LTC4010 Datasheet HTML 2Page - Linear Technology LTC4010 Datasheet HTML 3Page - Linear Technology LTC4010 Datasheet HTML 4Page - Linear Technology LTC4010 Datasheet HTML 5Page - Linear Technology LTC4010 Datasheet HTML 6Page - Linear Technology LTC4010 Datasheet HTML 7Page - Linear Technology LTC4010 Datasheet HTML 8Page - Linear Technology LTC4010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4010

4010fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Current Source
VFS
BAT – SENSE Full-Scale Regulation
Voltage (Fast Charge)
0.3V < BAT < VCC – 0.3V (Note 8)
BAT = 4.8V
l
95
95
100
100
105
105
mV
mV
VPC
BAT – SENSE Precharge Regulation
Voltage
0.3V < BAT < VCC – 0.3V (Note 8)
BAT = 4.8V
l
16
16
20
20
24
24
mV
mV
VTC
BAT – SENSE Top-Off Charge
Regulation Voltage
0.3V < BAT < VCC – 0.3V (Note 8)
BAT = 4.8V
l
6.5
6.5
10
10
13.5
13.5
mV
mV
∆VLI
BAT – SENSE Line Regulation
5.5V < VCC < 25V, Fast Charge
±0.3
mV
IBAT
BAT Input Bias Current
0.3V < BAT < VCC – 0.1V
–2
2
mA
ISENSE
SENSE Input Bias Current
SENSE = BAT
50
150
µA
IOFF
Input Bias Current, (VCELL = 0V)
SENSE
BAT
l
l
–1
0
0
2
1
6
µA
µA
fTYP
Typical Switching Frequency
l
460
550
640
kHz
fMIN
Minimum Switching Frequency
l
20
30
kHz
DCMAX
Maximum Duty Cycle
98
99
%
VOL(TG)
TGATE Output Voltage Low
(VCC – TGATE) (Note 6)
VCC > 9V, No Load
VCC < 7V, No Load
l
l
5
VCC – 0.5
5.6
VCC
8.75
V
V
VOH(TG)
TGATE Output Voltage High
VCC – TGATE, No Load
l
0
50
mV
tR(TG)
TGATE Rise Time
CLOAD = 3nF, 10% to 90%
35
100
ns
tF(TG)
TGATE Fall Time
CLOAD = 3nF, 10% to 90%
45
100
ns
VOL(BG)
BGATE Output Voltage Low
No Load
l
0
50
mV
VOH(BG)
BGATE Output Voltage High
No Load
l
INTVDD
– 0.075
INTVDD
V
tR(BG)
BGATE Rise Time
CLOAD = 1.6nF, 10% to 90%
30
80
ns
tF(BG)
BGATE Fall Time
CLOAD = 1.6nF, 10% to 90%
15
80
ns
ADC Inputs
ILEAK
Analog Channel Leakage
0V < VCELL < 2V
±100
nA
Charger Thresholds
VBP
Battery Present Threshold Voltage
l
320
350
370
mV
VBOV
Battery Overvoltage
l
1.815
1.95
2.085
V
VMFC
Minimum Fast Charge Voltage
l
850
900
950
mV
VFCBF
Fast Charge Battery Fault Voltage
l
1.17
1.22
1.27
V
∆VTERM
–∆V Termination
CHEM OPEN (NiCd)
CHEM = 0V (NiMH)
l
l
16
6
20
10
25
14
mV
mV
VAR
Automatic Recharge Voltage
VCELL Decreasing
l
1.260
1.325
1.390
V
∆TTERM
∆T Termination (Note 7)
CHEM = 3.3V (NiCd)
CHEM = 0V (NiMH)
l
l
1.3
0.5
2
1
2.7
1.5
°C/min
°C/min
TMIN
Minimum Charging Temperature
(Note 7)
VTEMP Increasing
l
0
5
9
°C
TMAXI
Maximum Charge Initiation
Temperature (Note 7)
VTEMP Decreasing, Not Charging
l
41.5
45
47
°C
TMAXC
Maximum Charging Temperature
(Note 7)
VTEMP Decreasing, Charging
l
57
60
63
°C
VTEMP(D)
VTEMP Disable Threshold Voltage
l
2.8
3.3
V
VTEMP(P)
Pause Threshold Voltage
l
130
280
mV
elecTrical characTerisTics The
l
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, BAT = 4.8V, GND = PGND = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com