Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4010CFE Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4010CFE
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFE Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4010CFE Datasheet HTML 14Page - Linear Technology LTC4010CFE Datasheet HTML 15Page - Linear Technology LTC4010CFE Datasheet HTML 16Page - Linear Technology LTC4010CFE Datasheet HTML 17Page - Linear Technology LTC4010CFE Datasheet HTML 18Page - Linear Technology LTC4010CFE Datasheet HTML 19Page - Linear Technology LTC4010CFE Datasheet HTML 20Page - Linear Technology LTC4010CFE Datasheet HTML 21Page - Linear Technology LTC4010CFE Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4010

4010fb
applicaTions inForMaTion
Figure 7. Full-Featured 2 Amp LTC4010 Application
FAULT
CHRG
READY
VCC
TGATE
VCDIV
VCELL
VTEMP
LTC4010
TIMER
INTVDD
GND
CHEM
SENSE
BAT
FROM
ADAPTER
12V
6.8µH
D4
6V
Q1
TO
SYSTEM
LOAD
0.05
NiMH PACK
WITH 10k NTC
(2AHr)
4010 F07
D3
49.9k
D2
D1
20k
10k
R1 10k
0.1µF
68nF
20µF
R2
33nF
20µF
BGATE
PGND
Figure 8. LTC4010 with MCU Interface
FAULT
CHRG
READY
VCC
TGATE
VCDIV
VCELL
VTEMP
LTC4010
TIMER
INTVDD
GND
CHEM
SENSE
BAT
FROM
ADAPTER
28V
15µH
TO
SYSTEM
LOAD
0.1
NiMH PACK
WITH 10k NTC
(2AHr)
4010 F08
49.9k
10k
0.1µF
PAUSE
FROM MCU
68nF
10µF
R2
33nF
10µF
V+
BGATE
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com