Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4350 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4350
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350 Datasheet(HTML) 2 Page - Linear Technology

  LTC4350 Datasheet HTML 1Page - Linear Technology LTC4350 Datasheet HTML 2Page - Linear Technology LTC4350 Datasheet HTML 3Page - Linear Technology LTC4350 Datasheet HTML 4Page - Linear Technology LTC4350 Datasheet HTML 5Page - Linear Technology LTC4350 Datasheet HTML 6Page - Linear Technology LTC4350 Datasheet HTML 7Page - Linear Technology LTC4350 Datasheet HTML 8Page - Linear Technology LTC4350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC4350

4350fb
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VCC) ................................................17V
Input Voltage
TIMER................................................... –0.3V to 1.2V
R+, R– (Note 2) ...................................... –0.3V to 17V
FB ......................................................... –0.3V to 5.3V
OV, UV ....................................................... –0.3V to 17V
Output Voltage
COMP1 .................................................... –0.3V to 6V
COMP2 .................................................... –0.3V to 3V
GAIN, SB............................................... –0.3V to 5.6V
GATE (Note 3) ............................................ –0.3V to 20V
IOUT, STATUS ............................................. –0.3V to 17V
RSET............................................................. –0.3V to 1V
Operating Temperature Range
LTC4350C................................................ 0°C to 70°C
LTC4350I.............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
UV
OV
TIMER
GAIN
COMP2
COMP1
SB
GND
VCC
STATUS
GATE
R+
R–
IOUT
RSET
FB
TJMAX = 150°C, θJA = 135°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4350CGN#PBF
LTC4350CGN#TRPBF
4350
16-Lead Plastic SSOP
0°C to 70°C
LTC4350IGN#PBF
LTC4350IGN#TRPBF
4350I
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
ICC
VCC Supply Current
UV = VCC
l
1.0
1.6
2.0
mA
VLKOH
VCC Undervoltage Lockout High
l
2.36
2.45
2.52
V
VLKOL
VCC Undervoltage Lockout Low
l
2.24
2.34
2.44
V
VFB
FB Pin Voltage
0°C to 85°C (LTC4350I) or 0°C to 70°C (LTC4350C)
–40°C to 85°C (LTC4350I)
1.208
1.196
1.220
1.220
1.236
1.244
V
V
VFBLIR
FB Line Regulation
VCC = 3.3V to 12V, COMP1 = 1.240V
0.02
0.05
%/V
VFBLOR
FB Load Regulation
COMP1 = 2V
COMP1 = 0.64V
l
l
–0.0008
0.003
–0.1
0.1
%
%
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com