Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4350IGNPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4350IGNPBF
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350IGNPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4350IGNPBF Datasheet HTML 2Page - Linear Technology LTC4350IGNPBF Datasheet HTML 3Page - Linear Technology LTC4350IGNPBF Datasheet HTML 4Page - Linear Technology LTC4350IGNPBF Datasheet HTML 5Page - Linear Technology LTC4350IGNPBF Datasheet HTML 6Page - Linear Technology LTC4350IGNPBF Datasheet HTML 7Page - Linear Technology LTC4350IGNPBF Datasheet HTML 8Page - Linear Technology LTC4350IGNPBF Datasheet HTML 9Page - Linear Technology LTC4350IGNPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC4350

4350fb
pin FuncTions
GND (Pin 8): Chip Ground.
FB (Pin 9): Analog Error Amplifier Input (E/A1). This pin is
used to monitor the output supply voltage with an external
resistive divider. The FB pin voltage is compared to 1.220V
reference. The difference between the FB pin voltage and
the reference is amplified and output on the COMP1 pin.
RSET (Pin 10): Analog Output Pin. The IOUT amplifier
converts the voltage at the COMP2 pin (down a diode
voltage) to the RSET pin. Therefore, the current through
the external resistor (RSET) placed between the RSET pin
and ground is (COMP2 – VDIODE)/RSET. This current is
used to adjust the output voltage.
IOUT (Pin 11): Analog Output Pin. The current flowing into
the IOUT pin is equal to the current flowing out of the RSET
pin that was set by the external resistor RSET. This current
is used to adjust the output supply voltage by modifying
the voltage sensed by the power supply’s internal voltage
feedback circuitry.
R– (Pin 12): Analog Input Pin. With a sense resistor placed
in the supply path between the R+ and R– pins, the power
supply current is measured as a voltage drop between R+
and R–. This voltage is measured by the ISENSE block and
multiplied at the GAIN pin.
R+ (Pin 13): Analog Input Pin. With a sense resistor placed
in the supply path between the R+ and R– pins, the power
supply current is measured as a voltage drop between R+
and R–. This voltage is measured by the ISENSE block and
multiplied at the GAIN pin.
GATE (Pin14): The high side gate drive for the external
N-Channel power FET. An internal charge pump provides
the gate drive necessary to drive the FETs. The slope of
the voltage rise or fall at the GATE is set by an external
capacitor connected between GATE and GND, and the
10µAchargepumpoutputcurrent.Whentheundervoltage
lockout circuit monitoring VCC trips, the OV pin is pulled
high or the UV pin is pulled low, the GATE pin is immedi-
ately pulled to GND.
STATUS (Pin 15): Open-Drain Digital Output. The STATUS
pin has an open-drain output to GND. This pin is pulled
low to indicate a fault has occurred in the system. There
arethreetypesoffaults.Thefirstisaundervoltagelockout
on VCC or the UV pin is low while the output voltage is
active. The second is when the COMP2 pin is above 1.5V
or below 0.5V and the voltage on the GAIN pin is greater
than 100mV. The final failure is when the OV pin is high.
The three faults will activate the pull-down on the STATUS
pin after a timing cycle.
VCC (Pin 16): The Positive Supply Input, Ranging from
3.3V to 12V for Normal Operation. ICC is typically 1.6mA.
An undervoltage lockout circuit disables the chip until
the voltage at VCC is greater than 2.47V. A 0.1µF bypass
capacitor is required on the VCC pin. If the VCC pin is tied
to the same power supply output that is being adjusted,
then a 51Ω decoupling resistor is needed to hold up the
supply during a short to ground on the supply output.
VCC must be greater than or equal to the supply that is
connected to the R+ and R– pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com