Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1630CS8PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1630CS8PBF
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1630CS8PBF Datasheet HTML 3Page - Linear Technology LT1630CS8PBF Datasheet HTML 4Page - Linear Technology LT1630CS8PBF Datasheet HTML 5Page - Linear Technology LT1630CS8PBF Datasheet HTML 6Page - Linear Technology LT1630CS8PBF Datasheet HTML 7Page - Linear Technology LT1630CS8PBF Datasheet HTML 8Page - Linear Technology LT1630CS8PBF Datasheet HTML 9Page - Linear Technology LT1630CS8PBF Datasheet HTML 10Page - Linear Technology LT1630CS8PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1630/LT1631

16301fa
elecTrical characTerisTics T
A = 25°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
VCM = V–
220
220
1000
1000
µV
µV
∆VOS
Input Offset Voltage Shift
VCM = V– to V+
150
1000
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V–, V+ (Note 5)
200
1500
µV
IB
Input Bias Current
VCM = V+
VCM = V–
0
–1100
550
–550
1100
0
nA
nA
∆IB
Input Bias Current Shift
VCM = V– to V+
1100
2200
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ (Note 5)
VCM = V– (Note 5)
20
20
300
300
nA
nA
IOS
Input Offset Current
VCM = V+
VCM = V–
20
20
150
150
nA
nA
∆IOS
Input Offset Current Shift
VCM = V– to V+
40
300
nA
Input Noise Voltage
0.1Hz to 10Hz
300
nVP-P
en
Input Noise Voltage Density
f = 1kHz
6
nV/√Hz
in
Input Noise Current Density
f = 1kHz
0.9
pA/√Hz
CIN
Input Capacitance
f = 100kHz
3
pF
AVOL
Large-Signal Voltage Gain
VO = –14.5V to 14.5V, RL = 10k
VO = –10V to 10V, RL = 2k
1000
650
5000
3500
V/mV
V/mV
Channel Separation
VO = –10V to 10V, RL = 2k
112
134
dB
CMRR
Common Mode Rejection Ratio
VCM = V– to V+
89
106
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V– to V+
86
110
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
87
105
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
82
107
dB
VOL
Output Voltage Swing Low (Note 6)
No Load
ISINK = 5mA
ISINK = 25mA
16
150
600
35
300
1200
mV
mV
mV
VOH
Output Voltage Swing High (Note 6)
No Load
ISINK = 5mA
ISINK = 25mA
15
250
1200
40
500
2400
mV
mV
mV
ISC
Short-Circuit Current
±35
±70
mA
IS
Supply Current per Amplifier
4.1
5.0
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
15
30
MHz
SR
Slew Rate
AV = –1, RL = Open, VO = ±10V,
Measure at VO = ±5V
5
10
V/µs
tS
Settling Time
0.01%, VSTEP = 10V, AV = 1, RL = 1k
1.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com