Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2473IMSTRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2473IMSTRPBF
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2473IMSTRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2473IMSTRPBF Datasheet HTML 1Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 2Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 3Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 4Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 5Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 6Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 7Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 8Page - Linear Technology LTC2473IMSTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2471/LTC2473
4
24713f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 7)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV1
Conversion Time
SPD = 0
l
3.2
4
4.8
ms
tCONV2
Conversion Time
SPD = 1
l
0.8
1
1.2
ms
fSCL
SCL Clock Frequency
l
0
400
kHz
tHD(SDA,STA)
Hold Time (Repeated) START Condition
l
0.6
μs
tLOW
LOW Period of the SCL Pin
l
1.3
μs
tHIGH
HIGH Period of the SCL Pin
l
0.6
μs
tSU(STA)
Set-Up Time for a Repeated START
Condition
l
0.6
μs
tHD(DAT)
Data Hold Time
l
0
0.9
μs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time for SDA, SCL Signals
(Note 6)
l
20 + 0.1CB
300
ns
tf
Fall Time for SDA, SCL Signals
(Note 6)
l
20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for STOP Condition
l
0.6
μs
tBUF
Bus Free Time Between a Stop and Start
Condition
l
1.3
μs
tOF
Output Fall Time VIHMIN to VILMAX
Bus Load CB = 10pF to 400pF (Note 6)
l
20 + 0.1CB
250
ns
tSP
Input Spike Suppression
l
50
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All voltage values are with respect to GND. VCC = 2.7V to 5.5V
unless otherwise specified.
VREFCM = VREF/2, FS = VREF, –VREF ≤ VIN ≤ VREF
VIN = VIN+ – VIN–, VINCM = (VIN+ + VIN–)/2. (LTC2473)
Note 3. Guaranteed by design, not subject to test.
Note 4. Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
Note 5: Input sampling current is the average input current drawn from
the input sampling network while the LTC2471/LTC2473 are converting.
Note 6: CB = capacitance of one bus line in pF.
Note 7: All values refer to VIH(MIN) and VIL(MAX) levels.
Note 8: A positive current is flowing into the DUT pin.
Note 9: Voltage temperature coefficient is calculated by dividing the
maximum change in output voltage by the specified temperature range.
I2C TIMING CHARACTERISTICS
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Notes 2, 7)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.7VCC
V
VIL
Low Level Input Voltage
l
0.3VCC
V
II
Digital Input Current
(Note 8)
l
–10
10
μA
VHYS
Hysteresis of Schmidt Trigger Inputs
(Note 3)
l
0.05VCC
V
VOL
Low Level Output Voltage (SDA)
I = 3mA
l
0.4
V
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
1μA
CI
Capacitance for Each I/O Pin
l
10
pF
CB
Capacitance Load for Each Bus Line
l
400
pF
VIH(A0)
High Level Input Voltage for Address Pin
l
0.95VCC
V
VIL(A0)
Low Level Input Voltage for Address Pin
l
0.05VCC
V
I2C INPUTS AND OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com