Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2471CDD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2471CDD
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471CDD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2471CDD Datasheet HTML 12Page - Linear Technology LTC2471CDD Datasheet HTML 13Page - Linear Technology LTC2471CDD Datasheet HTML 14Page - Linear Technology LTC2471CDD Datasheet HTML 15Page - Linear Technology LTC2471CDD Datasheet HTML 16Page - Linear Technology LTC2471CDD Datasheet HTML 17Page - Linear Technology LTC2471CDD Datasheet HTML 18Page - Linear Technology LTC2471CDD Datasheet HTML 19Page - Linear Technology LTC2471CDD Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2471/LTC2473
20
24713f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0110 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1860/LTC1861
12-Bit, 5V, 1-/2-Channel 250ksps SAR ADC in MSOP
850μA at 250ksps, 2μA at 1ksps, SO-8 and MSOP Packages
LTC1860L/LTC1861L
12-Bit, 3V, 1-/2-Channel 150ksps SAR ADC
450μA at 150ksps, 10μA at 1ksps, SO-8 and MSOP Packages
LTC1864/LTC1865
16-Bit, 5V, 1-/2-Channel 250ksps SAR ADC in MSOP
850μA at 250ksps, 2μA at 1ksps, SO-8 and MSOP Packages
LTC1864L/LTC1865L
16-bit, 3V, 1-/2-Channel 150ksps SAR ADC
450μA at 150ksps, 10μA at 1ksps, SO-8 and MSOP Packages
LTC2360
12-Bit, 100ksps SAR ADC
3V Supply, 1.5mW at 100ksps, TSOT 6-pin/8-pin Packages
LTC2440
24-Bit No Latency Δ∑™ ADC
200nVRMS Noise, 4kHz Output Rate, 15ppm INL
LTC2480
16-Bit, Differential Input, No Latency Δ∑ ADC, with PGA,
Temp. Sensor, SPI
Easy-Drive Input Current Cancellation, 600nVRMS Noise,
Tiny 10-Lead DFN Package
LTC2481
16-Bit, Differential Input, No Latency Δ∑ ADC, with PGA,
Temp. Sensor, I2C
Easy-Drive Input Current Cancellation, 600nVRMS Noise,
Tiny 10-Lead DFN Package
LTC2482
16-Bit, Differential Input, No Latency Δ∑ ADC, SPI
Easy-Drive Input Current Cancellation, 600nVRMS Noise,
Tiny 10-Lead DFN Package
LTC2483
16-Bit, Differential Input, No Latency Δ∑ ADC, I2C
Easy-Drive Input Current Cancellation, 600nVRMS Noise,
Tiny 10-Lead DFN Package
LTC2484
24-Bit, Differential Input, No Latency Δ∑ ADC, SPI with
Temp. Sensor
Easy-Drive Input Current Cancellation, 600nVRMS Noise,
Tiny 10-Lead DFN Package
LTC2485
24-Bit, Differential Input, No Latency Δ∑ ADC, I2C with
Temp. Sensor
Easy-Drive Input Current Cancellation, 600nVRMS Noise,
Tiny 10-Lead DFN Package
LTC6241
Dual, 18MHz, Low Noise, Rail-to-Rail Op Amp
550nVP-P Noise, 125μV Offset Max
LTC2450
Easy-to-Use, Ultra-Tiny 16-Bit ADC, SPI, 0V to 5.5V Input
Range
2 LSB INL, 50nA Sleep current, Tiny 2mm × 2mm DFN-6 Package,
30Hz Output Rate
LTC2450-1
Easy-to-Use, Ultra-Tiny 16-Bit ADC, SPI, 0V to 5.5V Input
Range
2 LSB INL, 50nA Sleep Current, Tiny 2mm × 2mm DFN-6 Package,
60Hz Output Rate
LTC2451
Easy-to-Use, Ultra-Tiny 16-Bit ADC, I2C, 0V to 5.5V Input
Range
2 LSB INL, 50nA Sleep Current, Tiny 3mm × 2mm DFN-8 or TSOT
Package, Programmable 30Hz/60Hz Output Rates
LTC2452
Easy-to-Use, Ultra-Tiny 16-Bit Differential ADC, SPI, ±5.5V
Input Range
2 LSB INL, 50nA Sleep Current, Tiny 3mm × 2mm DFN-8 or TSOT
Package
LTC2453
Easy-to-Use, Ultra-Tiny 16-Bit Differential ADC, I2C, ±5.5V
Input Range
2 LSB INL, 50nA Sleep Current, Tiny 3mm × 2mm DFN-8 or TSOT
Package
LTC2460
Ultra-Tiny 16-Bit Δ∑ ADC with 10ppm Reference
Pin and Software Compatible with LTC2471, 60Hz Output Rate
LTC2462
Ultra-Tiny 16-Bit Δ∑ ADC with 10ppm Reference
Pin and Software Compatible with LTC2473, 60Hz Output Rate
No Latency Δ∑ is a trademark of Linear Technology Corporation.
0.1μF
VCC
IN+
IN–
24713 TA02
10μF
0.1μF
7, 11, 4
8
12
1
0.1μF
0.1μF
0.1μF
1k
1.7k
1k
10
9
6
5
SCK/SCL
MOSI/SDA
MISO/SDO
GND
4
7
5
1μF
VCC
VCC
8
μC
VCC
IN+
REFOUT
REF–
VCC
GND
2
COMP
IN–
LTC2473
SCL
SDA
3
A0
0.1μF
1.7k
VCC
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com