| Electronic Components Datasheet Search |
|
MC33596 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC33596 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 70 page ![]() Receive Mode MC33596 Data Sheet, Rev. 4 Freescale Semiconductor 21 received, output data are complemented also. When an EOM occurs before the current byte is fully shifted out, dummy bits are inserted until the number of shifted bits is a multiple of 8. For all states: At any time, a low level applied to STROBE puts the circuit into state 20, and a low level applied to CONFB forces the state machine to state 1, configuration mode. 11.2.4.3 Timing Definition As shown in Figure 13, a settling time is required when entering the on state. Figure 13. Receiver Usable Window The goal for the receiver is to recognize at least one ID during Ton time. Many IDs are transmitted during that time. During Ton, the receiver should be able to detect an ID, but as receiver and transmitter are not synchronized, an ID may already be transmitted when Ton time begins. That is the reason why Ton should be sized to receive two IDs: to be sure to recognize one, no matter what the time difference between beginning of transmission of the ID and beginning of run time for the receiver. Ton should also include the setting time of the receiver. Setting time is composed of the crystal oscillator wakeup time1, the PLL lock time2, and setup of all analog parameters3 (AGC and demodulator need some time to settle). Toff should be sized to allow the positioning of an on state during the transmission of the ID field. During the setting time, no reception is possible. 11.3 Receiver On/Off Control In receive mode, on/off sequencing can be controlled internally using the strobe oscillator, or managed externally by the MCU through the input pin STROBE. If the strobe oscillator is selected (SOE = 1): • Off time is clocked by the strobe oscillator • On time is clocked by the crystal oscillator, enabling accurate control of the on time, and therefore of the current consumption of the whole system 1. Refer to parameter 5.10 found in Section 19.4, “PLL & Crystal Oscillator.” 2. Refer to parameter 5.9 found in Section 19.4, “PLL & Crystal Oscillator.” 3. Refer to preamble definition found in Figure 9. Receiver Status RF Signal Off On Off On Setting Time ID Detected ID ID ID ID ID ID ID ID ID Header Data EOM Ton Toff Receiver Status RF Signal Off On Off On Setting Time ID Detected ID ID ID ID ID ID ID ID ID Header Data EOM Ton Toff |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |