Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6201CS8PBF Datasheet(PDF) 19 Page - Linear Technology

Part # LT6201CS8PBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8PBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LT6201CS8PBF Datasheet HTML 15Page - Linear Technology LT6201CS8PBF Datasheet HTML 16Page - Linear Technology LT6201CS8PBF Datasheet HTML 17Page - Linear Technology LT6201CS8PBF Datasheet HTML 18Page - Linear Technology LT6201CS8PBF Datasheet HTML 19Page - Linear Technology LT6201CS8PBF Datasheet HTML 20Page - Linear Technology LT6201CS8PBF Datasheet HTML 21Page - Linear Technology LT6201CS8PBF Datasheet HTML 22Page - Linear Technology LT6201CS8PBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
TYPICAL PERFORMANCE CHARACTERISTICS LT6200-10
Common Mode Rejection Ratio
vs Frequency
Maximum Undistorted Output
Signal vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
±5V Large-Signal Response
Output-Overdrive Recovery
5V Small-Signal Response
FREQUENCY (Hz)
40
80
120
20
60
100
10k
1M
10M
100M
1G
6200 G71
0
100k
VS = 5V, 0V
VCM = VS/2
FREQUENCY (Hz)
3
9
10
2
1
8
5
7
6
4
10k
1M
10M
100M
6200 G72
0
100k
VS = ±5V
AV = 10
TA = 25°C
FREQUENCY (Hz)
10k
–100
–60
–50
–40
100k
1M
10M
6200 G73
–70
–80
–90
AV = 10
VO = 2VP-P
VS = ±2.5V
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 2ND
RL = 1k, 3RD
FREQUENCY (Hz)
10k
–110
–100
–60
–50
–40
100k
1M
10M
6200 G74
–70
–80
–90
AV = 10
VO = 2VP-P
VS = ±5V
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 2ND
RL = 1k, 3RD
Input Referred High Frequency
Noise Spectrum
50ns/DIV
VS = ±5V
AV = 10
RL = 1k
CL = 10.8pF SCOPE PROBE
2V/DIV 0V
–5V
5V
6200 G75
50ns/DIV
VS = 5V, 0V
AV = 10
CL = 10.8pF SCOPE PROBE
0V
VIN
1V/DIV
0V
VOUT
2V/DIV
6200 G76
50ns/DIV
VS = 5V, 0V
AV = 10
RL = 1k
CL = 10.8pF SCOPE PROBE
50mV/DIV 0V
6200 G77
15MHz/DIV
100kHz
150kHz
1nV/√Hz/DIV
0nV
10nV
6200 G78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com