Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6207IGNPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6207IGNPBF
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGNPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6207IGNPBF Datasheet HTML 5Page - Linear Technology LT6207IGNPBF Datasheet HTML 6Page - Linear Technology LT6207IGNPBF Datasheet HTML 7Page - Linear Technology LT6207IGNPBF Datasheet HTML 8Page - Linear Technology LT6207IGNPBF Datasheet HTML 9Page - Linear Technology LT6207IGNPBF Datasheet HTML 10Page - Linear Technology LT6207IGNPBF Datasheet HTML 11Page - Linear Technology LT6207IGNPBF Datasheet HTML 12Page - Linear Technology LT6207IGNPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT6205/LT6206/LT6207
9
620567fc
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Temperature
Slew Rate vs Temperature
Slew Rate vs Closed-Loop Gain
Closed-Loop Gain vs Frequency
Output Impedance vs Frequency
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Channel Separation vs Frequency
Series Output Resistor
vs Capacitive Load
TEMPERATURE (°C)
–50
–25
0
25
50
75
125
100
620567 G19
120
110
100
90
80
55
50
45
40
35
GAIN BANDWIDTH
PHASE MARGIN
VS = 5V
VS = 5V
VS = 3V, 0V
VS = 3V, 0V
RL = 1k
CL = 5pF
TEMPERATURE (°C)
–50
–25
0
25
50
75
125
100
620567 G20
750
650
600
700
550
500
450
400
350
RISING VS = 5V
AV = –1
RG = RF = 1k
RL = 1k
RISING VS = 5V, 0V
FALLING VS = 5V, 0V
FALLING VS = 5V
GAIN (AV)
2345
620567 G21
750
650
600
700
550
500
400
450
RISING
VS = 5V
VO = –4V to 4V
RL = 1k
TA = 25°C
FALLING
FREQUENCY (Hz)
15
12
9
6
3
0
–3
–6
–9
–15
–12
100k
10M
100M
500M
620567 G22
1M
VS = 5V
VCM = 0V
VS = 3V
VCM = 1V
TA = 25°C
CL = 5pF
AV = +1
FREQUENCY (Hz)
100k
0.1
10
1000
10M
100M
1M
500M
620567 G23
1
100
VS = 5V, 0V
TA = 25°C
AV = 10
AV = 2
AV = 1
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
10k
1M
10M
100M
620567 G24
100k
VS = 5V, 0V
TA = 25°C
–PSRR
+PSRR
FREQUENCY (Hz)
10k
1M
10M
1G
620567 G25
100k
100
90
80
70
60
50
40
30
20
10
0
100M
VS = 5V
TA = 25°C
FREQUENCY (Hz)
1M
120
110
100
90
80
70
60
50
40
10M
100M
620567 G26
VS = 5V
LT6206 CH A-B
LT6207 CH A-D, CH B-C
TA = 25°C
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
620567 G27
VS = 5V, 0V
AV = 1
TA = 25°C
RS = 10Ω, RL =
RS = 20Ω, RL =
RL = RS = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com