Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200VR400B Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC5200VR400B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200VR400B Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC5200VR400B Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5200VR400B Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
67
Normally this interface is implemented, using a COP (common on-chip processor) connector. The COP allows a remote
computer system (typically, a PC with dedicated hardware and debugging software) to access and control the internal operations
of the MPC5200B.
3.4.2
e300 COP/BDM Interface
There are two possibilities to connect the JTAG interface: using it with a COP connector and without a COP connector.
3.4.2.1
Boards Interfacing the JTAG Port via a COP Connector
The MPC5200B functional pin interface and internal logic provides access to the embedded e300 processor core through the
Freescale (formerly Motorola) standard COP/BDM interface. Table 53 gives the COP/BDM interface signals. The pin order
shown reflects only the COP/BDM connector order.
For a board with a COP (common on-chip processor) connector, which accesses the JTAG interface and which needs to reset
the JTAG module, simply wiring JTAG_TRST and PORRESET is not recommended.
Table 53. COP/BDM Interface Signals
BDM
Pin #
MPC5200B
I/O Pin
BDM
Connector
Internal
Pull Up/Down
External
Pull Up/Down
I/O1
1 With respect to the emulator tool’s perspective, Input is really an output from the embedded e300 core and
output is really an input to the core.
16
—
GND
—
—
—
15
TEST_SEL_0
ckstp_out
—
—
I
14
—
KEY
—
—
—
13
HRESET
hreset
—
10k Pull-Up
O
12
—
GND
—
—
—
11
SRESET
sreset
—
10k Pull-Up
O
10
—
N/C
—
—
—
9
JTAG_TMS
tms
100k Pull-Up
10k Pull-Up
O
8—
N/C
—
—
—
7
JTAG_TCK
tck
100k Pull-Up
10k Pull-Up
O
6—
VDD2
2 From the board under test, power sense for chip power.
——
—
5
—
halted3
3 HALTED is not available from e300 core.
——
I
4
JTAG_TRST
trst
100k Pull-Up
10k Pull-Up
O
3
JTAG_TDI
tdi
100k Pull-Up
10k Pull-Up
O
2
—
qack4
4 Input to the e300 core to enable/disable soft-stop condition during breakpoints. MPC5200B
internally ties CORE_QACK to GND in its normal/functional mode (always asserted).
——
O
1JTAG_TDO
tdo
—
—
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com