Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9151 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC9151
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC9151 Datasheet HTML 9Page - NXP Semiconductors P89LPC9151 Datasheet HTML 10Page - NXP Semiconductors P89LPC9151 Datasheet HTML 11Page - NXP Semiconductors P89LPC9151 Datasheet HTML 12Page - NXP Semiconductors P89LPC9151 Datasheet HTML 13Page - NXP Semiconductors P89LPC9151 Datasheet HTML 14Page - NXP Semiconductors P89LPC9151 Datasheet HTML 15Page - NXP Semiconductors P89LPC9151 Datasheet HTML 16Page - NXP Semiconductors P89LPC9151 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
13 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
[1]
Input/output for P1.0 to P1.3. Input for P1.5.
P1.2/T0/SCL
8
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain when
used as output).
I/O
SCL — I2C-bus serial clock input/output.
P1.3/INT0/SDA
7
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output.
P1.5/RST
3
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1. When
functioning as a reset input, a LOW on this pin resets the microcontroller, causing
I/O ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force ISP
mode.
P2.2 to P2.5
I/O
Port 2: Port 2 is an 4-bit I/O port with a user-configurable output type. During
reset Port 2 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 2 pins as inputs and outputs depends upon the
port configuration selected. Each port pin is configured independently. Refer to
Section 7.15 “I/O ports” for details.
All pins have Schmitt trigger inputs.
Port 2 also provides various special functions as described below:
P2.2/MOSI
6
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is output;
when configured as slave, this pin is input.
P2.3/MISO
5
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when configured as slave,
this pin is output.
P2.4/SS
2
I/O
P2.4 — Port 2 bit 4.
I
SS — SPI Slave select.
P2.5/SPICLK
11
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output; when
configured as slave, this pin is input.
VSS
4
I
Ground: 0 V reference.
VDD
12
I
Power supply: This is the power supply voltage for normal operation as well as
Idle and Power-down modes.
Table 4.
P89LPC9161 Pin description
Symbol
Pin
Type
Description
TSSOP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com