| Electronic Components Datasheet Search |
|
PCF8533U/2/F2 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533U/2/F2 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 45 page ![]() PCF8533_4 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 5 March 2010 20 of 45 NXP Semiconductors PCF8533 Universal LCD driver for low multiplex rates 8.1.4 I2C-bus controller The PCF8533 acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or transmit data to an I2C-bus master receiver. The only data output from the PCF8533 are the acknowledge signals of the selected devices. Device selection depends on the I2C-bus slave address, the transferred command data and the hardware subaddress. In single device applications, the hardware subaddress inputs A0, A1, and A2 are normally tied to VSS which defines the hardware subaddress 0. In multiple device applications A0, A1, and A2 are tied to VSS or VDD using a binary coding scheme, so that no two devices with a common I2C-bus slave address have the same hardware subaddress. 8.1.5 Input filters To enhance noise immunity in electrically adverse environments, RC low-pass filters are provided on the SDA and SCL lines. 8.1.6 I2C-bus protocol Two I2C-bus slave addresses (0111 000 and 0111 001) are reserved for the PCF8533. The least significant bit of the slave address is bit R/W. The PCF8533 is a write-only device. It will not respond to a read access, so this bit should always be logic 0. The second bit of the slave address is defined by the level tied at input SA0. Two displays controlled by PCF8533 can be recognized on the same I2C-bus which allows: • Up to 16 PCF8533s on the same I2C-bus for very large LCD applications • The use of two types of LCD multiplex drive mode on the same I2C-bus The I2C-bus protocol is shown in Figure 15. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of the available PCF8533 slave addresses. All PCF8533s with the same SA0 level acknowledge in parallel to the slave address. All PCF8533s with the alternative SA0 level ignore the whole I2C-bus transfer. Fig 14. Acknowledgement on the I2C-bus mbc602 S START condition 9 8 2 1 clock pulse for acknowledgement not acknowledge acknowledge data output by transmitter data output by receiver SCL from master |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |