Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8124 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8124
Description  Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8124 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8124 Datasheet HTML 1Page - Toshiba Semiconductor TPC8124 Datasheet HTML 2Page - Toshiba Semiconductor TPC8124 Datasheet HTML 3Page - Toshiba Semiconductor TPC8124 Datasheet HTML 4Page - Toshiba Semiconductor TPC8124 Datasheet HTML 5Page - Toshiba Semiconductor TPC8124 Datasheet HTML 6Page - Toshiba Semiconductor TPC8124 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8124
2009-11-16
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSⅥ)
TPC8124
Lithium Ion Battery Applications
Power Management Switch Applications
• Small footprint due to small and thin package
• Low drain-source ON-resistance: RDS (ON) = 6.1 mΩ (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −40 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −0.5mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−40
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−40
V
Gate-source voltage
VGSS
−25/+20
V
DC
(Note 1)
ID
−12
Drain current
Pulse (Note 1)
IDP
−48
A
Drain power dissipation (t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation (t
= 10 s)
(Note 2b)
PD
1.0
W
Single pulse avalanche energy
(Note 3)
EAS
134
mJ
Avalanche current
(Note 1)
IAR
−12
A
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1, Note 2, Note 3 : See the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-6J1B
Weight: 0.080 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Similar Part No. - TPC8124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8124 TOSHIBA-TPC8124 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8124 VBSEMI-TPC8124 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC8124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8117 TOSHIBA-TPC8117 Datasheet
214Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8120 TOSHIBA-TPC8120 Datasheet
295Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com