Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4124K Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TPD4124K
Description  Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4124K Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TPD4124K Datasheet HTML 15Page - Toshiba Semiconductor TPD4124K Datasheet HTML 16Page - Toshiba Semiconductor TPD4124K Datasheet HTML 17Page - Toshiba Semiconductor TPD4124K Datasheet HTML 18Page - Toshiba Semiconductor TPD4124K Datasheet HTML 19Page - Toshiba Semiconductor TPD4124K Datasheet HTML 20Page - Toshiba Semiconductor TPD4124K Datasheet HTML 21Page - Toshiba Semiconductor TPD4124K Datasheet HTML 22Page - Toshiba Semiconductor TPD4124K Datasheet HTML 23Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TPD4124K
2008-11-26
19
VCC Under-voltage Protection Operating/Recovery Voltage (U-phase low side)
*Note: Sweeps the VCC pin voltage from 15 V and monitors the U pin voltage. The VCC pin voltage when
output is off defines the under-voltage protection operating voltage. Also sweeps from 6 V to
increase. The VCC pin voltage when output is on defines the under voltage protection recovery
voltage.
VBS Under-voltage Protection Operating/Recovery Voltage (U-phase high side)
*Note: Sweeps the BSU pin voltage from 15 V to decrease and monitors the VBB pin voltage. The BSU pin
voltage when output is off defines the under voltage protection operating voltage. Also sweeps the
BSU pin voltage from 6V to increase and change the HU pin voltage at 5 V
→0 V→5 V each time. It
repeats similarly output is on. When the BSU pin voltage when output is on defines the under
voltage protection recovery voltage.
BSU = 15V → 6V
LW = 0V
VCC = 15V
HW = 0V
LU = 0V
LV = 0V
HV = 0V
HU = 5V
VM
2kΩ
VBB = 18V
6V → 15V
VM
U = 18V
2kΩ
6V → 15V
VCC = 15V → 6V
LW = 0V
HW = 0V
LU = 5V
LV = 0V
HV = 0V
HU = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com