Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS2G83AFR Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # H5PS2G83AFR
Description  2Gb DDR2 SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2G83AFR Datasheet(HTML) 4 Page - Hynix Semiconductor

  H5PS2G83AFR Datasheet HTML 1Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 2Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 3Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 4Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 5Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 6Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 7Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 8Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Rev. 0.1 / November 2008
4
H5PS2G43AFR
H5PS2G83AFR
1.1 Device Features & Ordering Information
1.1.1 Key Features
• VDD = 1.8 +/- 0.1V
• VDDQ = 1.8 +/- 0.1V
• All inputs and outputs are compatible with SSTL_18 interface
•8 banks
• Fully differential clock inputs (CK, /CK) operation
• Double data rate interface
• Source synchronous-data transaction aligned to bidirectional data strobe (DQS, DQS)
• Differential Data Strobe (DQS, DQS)
• Data outputs on DQS, DQS edges when read (edged DQ)
• Data inputs on DQS centers when write (centered DQ)
• On chip DLL align DQ, DQS and DQS transition with CK transition
• DM mask write data-in at the both rising and falling edges of the data strobe
• All addresses and control inputs except data, data strobes and data masks latched on the rising
edges of the clock
• Programmable CAS latency 3, 4, 5 and 6 supported
• Programmable additive latency 0, 1, 2, 3, 4 and 5 supported
• Programmable burst length 4/8 with both nibble sequential and interleave mode
• Internal eight bank operations with single pulsed RAS
• Auto refresh and self refresh supported
• tRAS lockout supported
• 8K refresh cycles /64ms
• JEDEC standard 60ball FBGA(x4/x8)
• Full strength driver option controlled by EMR
• On Die Termination supported
• Off Chip Driver Impedance Adjustment supported
• Read Data Strobe supported (x8 only)
• Self-Refresh High Temperature Entry
1. Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com