Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWD02 Datasheet(PDF) 1 Page - Dubilier

Part # SWD02
Description  BATTERIES LITHIUM THIONYL CHLORIDE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SWD02 Datasheet(HTML) 1 Page - Dubilier

  SWD02 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
166
Ordering Code Type Terminal
Nominal
Nominal
Standard Discharge
Max Continuous
Max Pulse Discharge
Temp
Dimensions (mm) Weight (g)
Type
Voltage (V) Capacity (mAh)
Current (mA)
Discharge Current (mA)
Current (mA)
Range (˚C)
SB-AA02
1
/2AA TC,AX,2P
3.6
1200
0.5
10
20
-55~+85
ø14.3xH24.5
9
ST,3P
SBAA11
AA TC,AX,2P
3.6
2200
1
60
120
-55~+85
ø14.3xH49.3
16
ST,3P
SBC01
C
TC,ST,AX
3.6
7200
5
100
250
-55~+85
ø25.6xH49.5
50
SBD01
D
TC,ST,AX
3.6
14000
40
250
500
-55~+85
ø33.5xH59.2
95
SWD02
D
ST,TC
3.6
13000
100
1800
3000
-55~+85
ø34xH61
100
ORDERING INFORMATION
BATTERIES
LITHIUM THIONYL CHLORIDE
Suitable as a replacement source of power in remote sensing/
monitoring equipment
Very high energy density
High terminal voltage
10 year shelf life due to low self discharge rates
Hermetically sealed in stainless steel cans.
-/TC
-/AX
-/2P
+
+
_
-/ST
-/3PW
-/3P
BATTERIES
ZINC CHLORIDE
ORDERING INFORMATION
Mercury free
General purpose applications
Higher energy content than zinc carbon batteries
Lower capacity alternatives to alkaline batteries
Suitable for low and medium current drain batteries.
Ordering Code
Voltage (V)
Can Size
Dimensions (mm)
ER20MX
1.5
D
ø34.2xH61.5
ER14MX
1.5
C
ø26.2xH50
ER6MX
1.5
AA
ø14.5xH50.5
ER03X
1.5
AAA
ø10.5xH44.5
E6F22MX
9
PP3
L26.5xW17.5xH48.5


Similar Part No. - SWD02

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWD065R68E7T SEMIPOWER-SWD065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
More results

Similar Description - SWD02

ManufacturerPart #DatasheetDescription
logo
Dubilier
ER20MX DUBILIER-ER20MX Datasheet
93Kb / 1P
BATTERIES LITHIUM THIONYL CHLORIDE
logo
XENOENERGY Co.Ltd.,
XL-050F-CASE XENO-XL-050F-CASE Datasheet
227Kb / 1P
Thionyl Chloride Lithium Battery
XL-050F XENO-XL-050F Datasheet
265Kb / 1P
Thionyl Chloride Lithium Battery
XL-055F XENO-XL-055F Datasheet
128Kb / 1P
Thionyl Chloride Lithium Battery
XL-060F XENO-XL-060F Datasheet
211Kb / 1P
Thionyl Chloride Lithium Battery
XL-100F XENO-XL-100F Datasheet
126Kb / 1P
Thionyl Chloride Lithium Battery
XL-145F XENO-XL-145F Datasheet
145Kb / 1P
Thionyl Chloride Lithium Battery
XL-205F-LM XENO-XL-205F-LM Datasheet
181Kb / 1P
Thionyl Chloride Lithium Battery
XL-205F XENO-XL-205F Datasheet
146Kb / 1P
Thionyl Chloride Lithium Battery
XLP-055F XENO-XLP-055F Datasheet
137Kb / 1P
Thionyl Chloride Lithium Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com