Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SY169A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SY169A
Description  Photomicrosensor (Reflective)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SY169A Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SY169A Datasheet HTML 1Page - Omron Electronics LLC EE-SY169A Datasheet HTML 2Page - Omron Electronics LLC EE-SY169A Datasheet HTML 3Page - Omron Electronics LLC EE-SY169A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Photomicrosensor (Reflective)
EE-SY169A
■ Engineering Data
Forward Current vs. Collector
Dissipation Temperature Rating
Light Current vs. Forward Current
Characteristics (Typical)
Light Current vs. Collector
−Emitter
Voltage Characteristics (Typical)
Relative Light Current vs.
Ambient Temperature
Characteristics (Typical)
Dark Current vs. Ambient
Temperature Characteristics
(Typical)
Response Time vs. Load
Resistance Characteristics
(Typical)
Sensing Distance Characteristics
(Typical)
Response Time Measurement
Circuit
Sensing Angle Characteristics
(Typical)
Input
Output
Input
Output
90 %
10 %
Vcc = 5 V
Ta = 25
°C
Distance d (mm)
Sensing Position Characteristics
(Typical)
Sensing Position Characteristics
(Typical)
d = 3 mm
d = 4 mm
d = 5 mm
Sensing Angle Characteristics
(Typical)
IF = 20 mA
VCE = 5 V
Ta = 25
°C
Sensing object: White
paper with a reflection
factor of 90%
d1 = 3.5 mm
d1 = 4.0 mm
d1 = 4.5 mm
Sensing object:
White paper with
a reflection factor
of 90%
d = 0
d = 3 mm
d = 4 mm
d = 5 mm
Sensing object: White paper
with a reflection factor of 90%
Load resistance RL (k
Ω)
Distance d2 (mm)
Angle deviation
θ (°)
VCE = 10 V
0
lx
d = 4 mm
Sensing object: White
paper with a reflection
factor of 90%
I
F = 40 mA
I
F = 30 mA
I
F = 20 mA
I
F = 10 mA
I
F = 5 mA
d = 4 mm
Ta = 25
°C
Sen-
sor
Direction
IF = 20 mA
VCE = 5 V
Ta = 25
°C
d1 = 4 mm
Sensing
object
Direction
Sen-
sor
Distance d2 (mm)
Ta = 25
°
IF = 20 mA VCE
= 10 V
Angle deviation
θ (°)
VCE = 5 V
Ta = 25
°C
IF = 20 mA
VCE = 10 V
Ambient temperature Ta (
°C)
Forward current IF (mA)
Collector
−Emitter voltage VCE (V)
Ambient temperature Ta (
°C)
IF = 20 mA
VCE = 5 V
Ambient temperature Ta (
°C)
Ta = 25
°C
IF = 20 mA
VCE = 10 V
Sensing object:
White paper
with a reflection
factor of 90%
Sensing object:
White paper
with a reflection
factor of 90%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com