Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2D Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2D
Description  Door Interlock Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2D Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2D Datasheet HTML 1Page - Omron Electronics LLC D2D Datasheet HTML 2Page - Omron Electronics LLC D2D Datasheet HTML 3Page - Omron Electronics LLC D2D Datasheet HTML 4Page - Omron Electronics LLC D2D Datasheet HTML 5Page - Omron Electronics LLC D2D Datasheet HTML 6Page - Omron Electronics LLC D2D Datasheet HTML 7Page - Omron Electronics LLC D2D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
28
Door Interlock Switch
D2D
■ Safety Features
Double Spring Mechanism
Two return springs are provided for the pin plunger. Thus, if either of
the springs are broken, this feature will prevent the switch from
malfunctioning or short-circuiting.
(Applicable to D2D-1000 and D2D-3000 models. The D2D-2000
models with pull-on lock is not provided with this feature.)
Direct Contact Opening Mechanism
The insulating ring, identified by
, will positively break the
circuit if a contact weld occurs in the switch. (D2D-1000 models).
■ Structure
Standard Types
Pull-on Lock Types
Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction(
)
■ Standard Models
Example of D2D-1000.
Insulating ring
The section marked
pushes the movable
contact to apply force in the direction which
separates the movable contact forcibly from the
fixed contact.
External return
spring
Insulating ring
Movable spring
Normally open
terminal (NO)
Normally closed
terminal (NC)
Plunger
Case
Fixed contact (NC)
Movable contact
Fixed contact (NC)
Internal return spring
Plunger
Case
Fixed contact (NC)
Movable contact
Fixed contact (NC)
Normally open
terminal (NO)
Normally closed
terminal (NC)
Returning spring
stopper
Returning spring
Slider
Model
D2D-1000
D2D-1001
D2D-1002
OF max.
NC-OFF
NO-ON
300 gf
600 gf
- - -
600 gf
300 gf
- - -
TTF max.
750 gf
OT min.
2.3 mm
5.5 mm
FP max.
16.4 mm
17 mm
16.4 mm
OP
NC-OFF
NO-ON
15.9
± 0.4 mm
12.7
± 0.4 mm
- - -
12.7
± 0.4 mm
15.9
± 0.4 mm
- - -
TTP max.
10 mm
Screw Mounting
D2D-1000
D2D-1001
D2D-1002
4.3
±0.05 dia.
Four quick-connect
terminals (#250)
22
±0.1
16
8 dia.
FP
OP
TTP
1.8
5.8
33.6
10.4
25.2
30
13
23.6
1.65
+0.1
0
dia.
6.35
±0.1
12.4
A
Note: 1. NC-OFF: The force applied to the actuator to cause
it to move from the free position to the position at
which the NC contact opens.
2. NO-ON: The force applied to the actuator to cause
it to move from the free position to the position at
which the NO contact closes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com