Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3DC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D3DC
Description  Miniature Door Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3DC Datasheet(HTML) 1 Page - Omron Electronics LLC

  D3DC Datasheet HTML 1Page - Omron Electronics LLC D3DC Datasheet HTML 2Page - Omron Electronics LLC D3DC Datasheet HTML 3Page - Omron Electronics LLC D3DC Datasheet HTML 4Page - Omron Electronics LLC D3DC Datasheet HTML 5Page - Omron Electronics LLC D3DC Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Miniature Door Switch
D3DC
53
Miniature Door Switch
D3DC
Long Stroke Actuator with Operating
Position Marks
• Long stroke (7 mm) in a small package.
• Easy assembly with panel mount design.
• Quick-connection terminals facilitate wiring.
• Simple leaf switch structure
• RoHS Compliant.
Ordering Information
List of Models
Model Number Legend
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The contacts do not open or close for more than 1 ms.
■ Ratings
Note: The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 20 operations/min.
Contact Form
Model Name
SPST-NC
D3DC-2
SPST-NO
D3DC-3
D3DC -
1.
Contact Form
2:
SPST-NC
3:
SPST-NO
1
Operating speed
0.5 to 1 mm/s
Operating frequency
Mechanical: 30 operations/minute, max.
Electrical: 20 operations/minute, max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
300 m
Ω max.
Dielectric strength
600 VAC. 50/60 Hz for 1 min between terminals of the same polarity
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground
Vibration resistance (See note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (See note 2)
Destruction: 500 m/s2 max.
Malfunction: 100 m/s2 max.
Degree of protection
IEC IP00
Proof tracking index (PTI)
600
Ambient operating temperature
-25
°C to 85°C (at 60% RH max.) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Life expectancy
Mechanical: 100,000 operations min. (30 operations per minute)
Electrical:
100,000 operations min. (20 operations per minute)
Weight
Approx. 2 g
Rated voltage
Resistive load
30 VDC
0.1 A


Similar Part No. - D3DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3D OMRON-D3D Datasheet
781Kb / 6P
Miniature Door Switch
D3D OMRON-D3D Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
D3D-111 OMRON-D3D-111 Datasheet
781Kb / 6P
Miniature Door Switch
D3D-111 OMRON-D3D-111 Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
D3D-113 OMRON-D3D-113 Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
More results

Similar Description - D3DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
D4BS OMRON-D4BS Datasheet
207Kb / 9P
Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
Door Interlock Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
Miniature Door Switch
D4NL OMRON-D4NL Datasheet
2Mb / 18P
Guard Lock Safety-door Switch
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
miniature switch
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
Compact Non-contact Door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com