Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC407BCA Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAC407BCA
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCA Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAC407BCA Datasheet HTML 1Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 2Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 3Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 4Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 5Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 6Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 7Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 8Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
3
1.2. PAC407BCA
-- Top View --
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VPP
VDDMA
VREF
VDDA
PWDN
PX6
VHRST
VPN
HSYNC
VLRST
PX4
PX3
NC
NC
21
22
23
24
VRT
VCC
PAC407 BCA
Figure 1.2. PAC407BCA pin assignment
Pin No.
Name
Type
Description
1
VDDMA
PWR
Main analog power, 2.8V to 3.3V.
2
VPP
BYPASS Analog test output P
3
VPN
BYPASS Analog test output N
4
HSYNC
OUT
Horizontal synchronization signal.
5
VSYNC
OUT
Vertical synchronization signal.
6
VDDMD
PWR
Main digital power (include IO pad power), 2.8V to 3.3V.
7
PXCK
OUT
Pixel clock output.
8
RESET#
IN
Resets all registers to their default values (chip reset when low).
9
SCLK
IN
Master clock input.
10
PX7
OUT
Digital data out.
11
VSSD
GND
Digital ground.
12
PX5
OUT
Digital data out.
13
VHRST
BYPASS Test pin
14
VLRST
BYPASS Test pin
15
PX6
OUT
Digital data out.
16
VCC
PWR
N.C.
17
PX4
OUT
Digital data out.
18
PX3
OUT
Digital data out.
19
NC
-
-
20
NC
-
-
21
PX2
OUT
Digital data out.
22
PX1
OUT
Digital data out.
23
PX0
OUT
Digital data out.
24
SCL
IN
2TM
IC
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com