Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL401 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # PBL401
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

PBL401 Datasheet(HTML) 1 Page - Compact Technology Corp.

  PBL401 Datasheet HTML 1Page - Compact Technology Corp. PBL401 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PBL401 thru PBL407
FEATURES
+
AC
-
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
The plastic material has UL flammability classification
94V-0
UL Recognition File # E228882
MECHANICAL DATA
Polarity : As marked on Body
Weight : 0.08 ounces, 2.3 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PBL
407
1000
700
1000
PBL
406
800
560
800
PBL
405
600
420
600
PBL
404
400
280
400
PBL
403
200
140
200
PBL
401
50
35
50
PBL
402
100
70
100
@TC=100 C
(with heatsink Note 2)
(without heatsink)
NOTE : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 4.0A DC
4.0
150
1.1
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JC
2.2
C/W
CJ
Typical Junction
Capacitance per element (Note 1)
45
pF
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =100 C
@TJ =25 C
10
1000
uA
V
A
A
V
UNIT
V
V
93
A S
2
I t
2
I t Rating for fusing (t < 8.3ms)
2
CHARACTERISTICS
SYMBOL
2.6
PBL
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 4.0 Amperes
.640(16.3)
.600(15.2)
.580(14.7)
.540(13.7)
.256(6.5)
.236(6.0)
.052(1.3)
.048(1.2)
.220(5.6)
.180(4.6)
.768(19.5)
.728(18.5)
.750
(19.0)
.083
(2.1)
MIN.
DIA.
SPACING
Dimensions in inches and (millimeters)
Rating to 1000V PRV
Compact Technology
CTC0029 Ver. 1.0
1 of 2
PBL
401 thru PBL407


Similar Part No. - PBL401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBL401 DIODES-PBL401 Datasheet
67Kb / 2P
4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
logo
Compact Technology Corp...
PBL401 CTC-PBL401_15 Datasheet
132Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - PBL401

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com