Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC7301 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAC7301
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7301 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAC7301 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
47 VDDMIC28
BYPASS Analog MIC reference audio power 2.8V
48 MIC_P
IN
Microphone positive input
3.2PLCC Package(9X9)
Pin# Name
Type
Description
1
MIC_N
IN
Microphone negative input
2
VSSA_AUDIO GND
Audio analog circuit GND
3
VDDADC33
BYPASS Audio ADC power ,3.3V
4
GPI3
IN
General purpose input pin
5
GPO1
OUT
General purpose output pin
6
TEST2
IN
Test pin. Connect to GND in normal operation mode, internal pull-down
100Kohm
7
RESET#
IN
Chip power up reset
8
GPI1
IN
General purpose input pin
9
VSSQ
GND
Digital Ground for I/O and PHY, digital core.
10 EPR_DO/TR3 IN
Data out of EEPROM (IO trap pin for PID3, internal pull-up 100Kohm)
11 EPR_DI/TR0
OUT
Data input of EEPROM (IO trap pin for PID0, internal pull-up 100Kohm)
12 EPR_SK/TR2
OUT
Serial clock of EEPROM (IO trap pin for PID2, internal pull-up 100Kohm)
13 EPR_CS/TR1
OUT
Chip select of EEPROM (IO trap pin for PID1, internal pull-up 100Kohm)
14 LED
OUT
LED driver
15 GPI2
IN
General purpose input pin
16 EPR_EN
IN
EEPROM enable pin active high
17 AUD_EnH
IN
Audio enable pin, High active, internal pull-up 100Kohm
18 VSSQ
GND
Digital Ground for I/O and PHY, digital core.
19 VDDD
BYPASS Logic power for digital circuit, 1.8V
20 VDDMD5
PWR
5V power for digital circuit
21 VDDQ
BYPASS Power for I/O and PHY, 3.3V
22 OSC_OUT
OUT
Crystal output
23 OSC_IN
IN
Crystal input
24 DN
I/O
DN for USB1.1 PHY
25 DP
I/O
DP for USB1.1 PHY
26 GPO2
OUT
General purpose output pin, internal pull-up 100Kohm, reserve VID
27 KEY#
IN
Snapshot control signal (Active Low, internal pull-up 100Kohm)
28 VSSA
GND
Analog ground
29 VSSAY
GND
Sensor ground
30 VDDA
BYPASS Analog power for Video PGA/ADC 2.5V
31 VDDAYM
BYPASS Analog power for sensor CDS 2.5V
32 VDDAY
BYPASS Analog power for sensor array 2.5V
33 VDDA33
BYPASS Analog power output 3.3V(for 2.5 regulator use)
34 VDDMA5
PWR
5V power for video analog circuit
35 TEST1
IN
Test pin. Connect to GND in normal operation mode, internal pull-down
100Kohm
36
VDDMA5_AU
D
PWR
5V power for analog audio circuit
37 VDDPGA33
BYPASS Analog power output for audio PGA 3.3V
38 VCOM
BYPASS Microphone common mode voltage reference(audio power)
39 VDDMIC28
BYPASS Analog MIC reference audio power 2.8V
40 MIC_P
IN
Microphone positive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com