Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN3101DB Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAN3101DB
Description  LOW COST CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3101DB Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAN3101DB Datasheet HTML 1Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 2Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3101DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PixArt Imaging Inc.
PAN3101
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0 MAR. 2005
2. Block Diagram and Operation
CMOS
IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
SERIAL
INTERFACE
LED
DRIVER
CONTROL REGISTER
SCLK
SDIO
OSCILLATOR
LED
VREF
VDD
OSCIN
OSCOUT
SERIAL
INTERFACE
RESONATOR
VOLTAGE
REFERENCE
5V POWER
VSS
The PAN3101 is a low cost CMOS-process optical mouse sensor with DSP integration chip that serves as
a non-mechanical motion estimation engine for implementing a computer mouse. It is based on new
optical navigation technology, which measures changes in position by optically acquiring sequential
surface images (frames) and mathematically determining the direction and magnitude of movement. The
sensor is in a 8pin optical package. The current X and Y information are available in registers accessed
via a serial port.
Figure 3. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com