Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN3203DI Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 11Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 12Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PixArt Imaging Inc.
PAN3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
6. EEPROM Table
1.
After power on, PAN3203DI will check EEPROM, if EEPROM address=0x01 and data=0xAA, continue to read
EEPROM address 0x02.
2.
When reading successive data is zero, PAN3203DI stop read data from EEPROM.
3.
Placing updated address and data continuously.
Address Description
Default
06H
Resolution
00H
00H=800, 01H=400, 02H=400, 03H=600,
20H=1000
80H
Sleep1 entry time
17H
8.88ms*23 = 200ms
81H
Sleep1 period
1CH
1ms*(28+2) = 30ms (Refer to the Figure7)
82H
Sleep1 pd low time to check sensor motion status 05H
1ms*5 = 5ms (Refer to the Figure7)
83H
Sleep2 pd low time to check sensor motion status 05H
1ms*5 = 5ms (Refer to the Figure7)
84H
Sleep2 entry time
3CH
1s*60 = 60s
85H
Sleep2 period (6bits, range: 0~63)
28H
8ms*(40+1) = 328ms (Refer to the Figure7)
86H
Manchester code 1T time (8051 timer0 timer)
D8H
4us*(FFH-D8H)=160us
87H
Preamble total time
0FH
1T*15=15T
88H
Preamble counts
06H
2T*(6-1)=10T
89H
Chip turn
55H
15H=-90°, 55H=0°, D5H=+90°
8DH
RFID timer
0FH
200ms *15= 3sec
SLEEP1
SLEEP2
Sleep1 period
Sleep1 pd low time to check sensor motion status
Sleep2 period
Sleep2 pd low time to check sensor motion status
LED OFF
LED ON
LED ON
LED OFF
Figure7. Sleep period
For example:
EEPROM Address Sensor Address
Data
Description
0
-
0xNN
RF ID code, 0xNN = 0x01~0xFF
1
-
0xAA
If the data is 0xAA, then PAN3202 continue to read EEPROM
address 0x02, else stop to read any data from EEPROM
2, 3
0x06
0x00
800cpi
4, 5
0x80
0x17
Sleep1 entry time
6, 7
0x81
0x1C
Sleep1 period
8, 9
0x82
0x05
Sleep1 pd low time to check sensor motion status
10, 11
0x83
0x05
Sleep2 pd low time to check sensor motion status
12, 13
0x84
0x3C
Sleep2 entry time
14, 15
0x85
0x28
Sleep2 period (6bits, range: 0~63)
16, 17
0x86
0xD8
Manchester code 1T time (8051 timer0 timer)
18, 19
0x87
0x0F
Preamble total time
20, 21
0x88
0x06
Preamble counts
22, 23
0x89
0x55
Chip turn 0°
24, 25
0x8D
0x0F
RFID timer
26
-
0x00
Ending code
27
-
0x00
Ending code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com