Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS302BCA-32 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS302BCA-32
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS302BCA-32 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS302BCA-32 Datasheet HTML 1Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 2Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 3Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 4Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 5Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 6Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 7Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 8Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PAS302BCA-32
CMOS Image Sensor IC
Version 2.3, 13 Sep. 2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
2
1. Pin Assignment
-- Top View --
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
P_OUTP
VRT
VREF
VDDA
PWDN
PX8
VHRST
P_OUTN
HSYC
VLRST
PX6
PX5
PX1
PX0
21
22
23
24
VDDMA
VDDD
PAS302BCA-32
Figure 1.1. PAS302BCA-32 pin assignment
Pin No.
Name
Type
Description
1
VRT
BYPASS Voltage reference top
2
P_OUTP
BYPASS Analog test output P
3
P_OUTN
BYPASS Analog test output N
4
HSYNC
OUT
Horizontal synchronization signal.
5
VSYNC
OUT
Vertical synchronization signal.
6
VDDQ
PWR
Digital VDD, 2.5V to 3.3V.
7
PXCLK
OUT
Pixel clock output.
8
RESET
IN
Resets all registers to their default values (chip reset
when high)
9
SYSCLK
IN
Master clock input.
10
PX9
OUT
Digital data out.
11
VSSD
GND
Digital ground.
12
PX7
OUT
Digital data out.
13
VHRST
BYPASS Sensor reset power
14
VLRST
BYPASS Sensor reset power
15
PX8
OUT
Digital data out.
16
VDDD
PWR
Digital VDD,
17
PX6
OUT
Digital data out.
18
PX5
OUT
Digital data out.
19
PX1
OUT
Digital data out.
20
PX0
OUT
Digital data out.
21
PX4
OUT
Digital data out.
22
PX3
OUT
Digital data out.
23
PX2
OUT
Digital data out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com