Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS5101PE Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAS5101PE
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101PE Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAS5101PE Datasheet HTML 2Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 3Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 4Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 5Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 9Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PAS5101PE Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
6
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
3.
Block Diagram & Function Description
3.1. Block Diagram
Figure 3.1 Shows the PAS5101PE sensor block diagram
The PAS5101PE is a 1/3” CMOS imaging sensor with 1280 ( H ) x 1024 ( V ) physical pixels. The active
region of sensor array is 1288 ( H ) x 1032 ( V ) as shown in Figure 3.1. The sensor array is cover with
Bayer pattern color filters and μ-lens. The first pixel location ( 0,0 ) is programmable in 2 direction ( X
and Y ) and the default value is at the left-down side of sensor array.
After a programmable exposure time, the image is sampled first with CDS ( Correlated Double Sampling )
block to improve S/N ration and reduce fixed pattern noise.
Three analog gain stages are implemented before signal transferred by the 10-bits A/D converter. The
front gain stage ( FG ) can be programmed to fit the saturation level of sensor to the full-range input of
ADC. The programmable color gain stage ( CG ) is used to balance the luminance response difference
between B/G/R. The global gain stage ( GG ) is programmed to adapt the gain to the image luminance.
The fine gained signal will be digitized by the on-chip 10-bits A/D converter. After the image data has
been digitized, further alteration to the signal can be applied before the data is output.
3.2. Defect Compensation
The defect compensation block can detect the possible defect pixel and replace it with average output of
like-colored pixels on either side of defective pixel. There is no limitation in the capability of defect
number. This function is also Enable / Disable by user.
3.3. Companding Curves
The companding function is used to simulate the gamma curve and do non-linear transformation before
the data is output. There are 4 curves selected by setting register Compand_Sel as shown in Figure 3.2
and this function is also Enable / Disable by user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com