Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3501UI Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAW3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAW3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 9Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 10Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 11Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 12Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 13Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 14Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PixArt Imaging Inc.
PAW3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
6.2 Typical Application for PAW3501UI-PX with Optical Encoder
VCC_5V
R1
Z1
Z1
PIN10(CPI)
PULL LOW
=> 800CPI
PULL HIGH => 600CPI
FLOATING
=> 400CPI
VDDQ
R4
0?
SW2
BM
Z2
+
C4
1uF
SW3
BL
SW1
BR
D+
U2
PT
PIN7(DT)
PULL LOW
=> 3D3B
PULL HIGH => 2D2B
FLOATING
=> 3D5B
D-
D1
LED
VCC_5V
J1
USB CABLE
1
2
3
4
5
C3
0.1uF
R6
0?
VCC_5V
Note:
1. Please connect the RFU pin to USB connector shell
for future use,
PAW3501UP used the pin to switch USB or PS/2.
2. For resistor value selection, refer to high or low input
level of Z1 and Z2 in the D.C. Electrical Characteristics
table.
The recommended value for R10 is 470ohm.
The recommended value for R11/R12 is 5.1Kohm.
PIN3(SR):
PULL LOW
=> -90 degree
PULL HIGH => +90 degree
FLOATING
=>
0 degree
X1
18.000MHZ
IRCTL
+
C2
10uF
R9
1M
R10
470
C5
0.1uF
D-
VCC_5V
R2
0?
D1
IR
R8
1M
R5
0?
Q1
2N3906
RFU
R7
0?
VCC_5V
SW5
B5
IRCTL
U1
PAW3501UI-PX
22
3
24
2
23
7
19
6
5
18
16
20
17
21
1
9
15
4
8
10
11
12
14
13
BR
SR
TEST
Z2
RFU
DT
OSCOUT
BL
BM
OSCIN
VSS
D+
VDDQ
D-
Z1
B5
VDD5V
IRCTL
B4
CPI
VSSLED
LED
VREFA
VREFB
VCC_5V
RFU
R11
5.1K
R12
5.1K
SW4
B4
Z2
+ C1
1uf
R3
0?
VCC_5V
D+
Figure 7. Application Circuit for PAW3501UI-PX (Optical Encoder)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com