Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3501UI-P4 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAW3501UI-P4
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI-P4 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAW3501UI-P4 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI-P4 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PixArt Imaging Inc.
PAW3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
3.3 DC Electrical Characteristics
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 5.0 V
Symbol Parameter
Min.
Typ. Max. Unit
Notes
Type: USB Mouse PWR
IDD
Supply Current
Mouse Moving (Normal)
12
mA
IDD
Supply Current
Mouse Not Moving (Sleep1)
8
mA
IDD
Supply Current
Suspend Current (Suspend)
480
uA
Type: BL, BM, BR, B4, B5
RPH
Internal Pull-up Resistance
50
Kohm
Type: Z1, Z2
RPD
Internal Pull-down Resistance
50
Kohm
PAW3501UI built-in internal pull-down
resistance. PAW3501UI-PX needs external
pull-down resistance.
Type: BL, BM, BR, B4, B5, Z1, Z2
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
Type: USB DP, DN
RPH
Internal Pull-up Resistance
1.5
Kohm
VOL
Output Low Voltage
0.3
V
Type: OSCIN
VIH
Input High Voltage
2.0
V
When driving from an external source
VIL
Input Low Voltage
0.5
V
When driving from an external source
Type: LED
VOL
Output Voltage LOW
360
mV I OL = 25 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com